Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609EV Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4609EV
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609EV Datasheet(HTML) 4 Page - Linear Technology

  LTM4609EV Datasheet HTML 1Page - Linear Technology LTM4609EV Datasheet HTML 2Page - Linear Technology LTM4609EV Datasheet HTML 3Page - Linear Technology LTM4609EV Datasheet HTML 4Page - Linear Technology LTM4609EV Datasheet HTML 5Page - Linear Technology LTM4609EV Datasheet HTML 6Page - Linear Technology LTM4609EV Datasheet HTML 7Page - Linear Technology LTM4609EV Datasheet HTML 8Page - Linear Technology LTM4609EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4609
4
4609fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4609E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4609I is guaranteed over the full
–40°C to 85°C temperature range.
Note 3: See Application Note 100.
Note 4: The LTM4609 is tested in a feedback loop that servos VCOMP to a
specified voltage and measures the resultant VFB.
Note 5: Turn-on and turn-off time are measured using 10% and 90%
levels. Transition delay time is measured using 50% levels.
Note 6: 100% test at wafer level only.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Section
VFB
Feedback Reference Voltage
VCOMP = 1.2V
l
0.792
0.8
0.808
V
VRUN
RUN Pin ON/OFF Threshold
1
1.6
2.2
V
ISS
Soft-Start Charging Current
VRUN = 2.2V
1
1.7
μA
VSTBYMD(START)
Start-Up Threshold
VSTBYMD Rising
0.4
0.7
V
VSTBYMD(KA)
Keep-Active Power On Threshold
VSTBYMD Rising, VRUN = 0V
1.25
V
VFCB
Forced Continuous Threshold
0.76
0.8
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
–0.3
–0.2
–0.1
μA
VBURST
Burst Inhibit (Constant Frequency)
Threshold
Measured at FCB Pin
5.3
5.5
V
DF(BOOST, MAX)
Maximum Duty Factor
% Switch M4 On
99
%
DF(BUCK, MAX)
Maximum Duty Factor
% Switch M1 On
99
%
tON(MIN, BUCK)
Minimum On-Time for Synchronous
Switch in Buck Operation
Switch M1 (Note 6)
200
250
ns
RFBHI
Resistor Between VOUT and VFB Pins
99.5
100
100.5
kΩ
Internal VCC Regulator
INTVCC
Internal VCC Voltage
VIN > 7V, VEXTVCC = 5V
l
5.7
6
6.3
V
ΔVLDO/VLDO
Internal VCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 5V
0.3
2
%
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, VEXTVCC Rising
l
5.4
5.6
V
ΔVEXTVCC(HYS)
EXTVCC Switchover Hysteresis
300
mV
ΔVEXTVCC
EXTVCC Switch Drop Voltage
ICC = 20mA, VEXTVCC = 6V
60
150
mV
Current Sensing Section
VSENSE(MAX)
Maximum Current Sense Threshold
Boost Mode
Buck Mode
l
l
–95
160
–130
190
–150
mV
mV
VSENSE(MIN, BUCK)
Minimum Current Sense Threshold
Discontinuous Mode
–6
mV
ISENSE
Sense Pins Total Source Current
VSENSE– = VSENSE+ = 0V
–380
μA
PGOOD
ΔVFBH
PGOOD Upper Threshold
VFB Rising
5.5
7.5
10
%
ΔVFBL
PGOOD Lower Threshold
VFB Falling
–5.5
–7.5
–10
%
ΔVFB(HYS)
PGOOD Hysteresis
VFB Returning
2.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 2mA
0.2
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
1
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com