Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4619 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4619 Datasheet HTML 9Page - Linear Technology LTM4619 Datasheet HTML 10Page - Linear Technology LTM4619 Datasheet HTML 11Page - Linear Technology LTM4619 Datasheet HTML 12Page - Linear Technology LTM4619 Datasheet HTML 13Page - Linear Technology LTM4619 Datasheet HTML 14Page - Linear Technology LTM4619 Datasheet HTML 15Page - Linear Technology LTM4619 Datasheet HTML 16Page - Linear Technology LTM4619 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4619
13
4619f
Multiphase Operation
Multiphase operation with multiple LTM4619 devices in
parallel will lower the effective input RMS ripple current
as well as the output ripple current due to the interleaving
operation of the regulators. Figure 5 provides a ratio of
input RMS ripple current to DC load current as a function
of duty cycle and the number of paralleled phases. Choose
the corresponding duty factor and the number of phases
to get the correct ripple current value. For example, the
2-phase parallel for one LTM4619 design provides 8A
at 2.5V output from a 12V input. The duty cycle is DC =
2.5V/12V = 0.21. The 2-phase curve has a ratio of ~0.25
for a duty cycle of 0.21. This 0.25 ratio of RMS ripple cur-
rent to a DC load current of 8A equals ~2A of input RMS
ripple current for the external input capacitors.
The effective output ripple current is lowered with mul-
tiphase operations as well. Figure 6 provides a ratio of
peak-to-peak output ripple current to the normalized
output ripple current as a function of duty factor and the
number of paralleled phases. Choose the corresponding
duty factor and the number of phases to get the correct
output ripple current ratio value. If a 2-phase operation
is chosen at 12VIN to 2.5VOUT with a duty factor of 21%,
then 0.6 is the ratio of the normalized output ripple current
to inductor ripple DIr at the zero duty factor. This leads
to ~1.3A of the effective output ripple current
ΔIL if the
DIr is at 2.2A. Refer to Application Note 77 for a detailed
explanation of the output ripple current reduction as a
function of paralleled phases.
The output voltage ripple has two components that are
related to the amount of bulk capacitance and effective
series resistance (ESR) of the output bulk capacitance.
Therefore, the output voltage ripple can be calculated with
the known effective output ripple current. The equation:
ΔVOUT(P-P) ≈ ΔIL/(8 • f • N • COUT) + ESR • ΔIL
where f is frequency and N is the number of parallel
phases.
APPLICATIONS INFORMATION
RUN Pin
The RUN pins can be used to enable or sequence the
particular regulator channel. The RUN pins have their
own internal 0.5μA current source to pull up the pin to
1.2V, and then the current increases to 4.5μA above 1.2V.
Careful consideration is needed to assure that board
contamination or residue does not load down the 0.5μA
pull-up current. Otherwise active control to these pins can
be used to activate the regulators. A voltage divider can
be used from VIN to set an enable point that can be used
as a UVLO feature for the regulator. The resistor divider
needs to be low enough resistance to swamp out the pull-
up current sources and not enable the device when not
attended. See the Simplified Block Diagram.
Power Good
The PGOOD pin is connected to an open drain of an internal
N-channel MOSFET. The MOSFET turns on and pulls the
PGOOD pin low when either VFB pin voltage is not within
±7.5% of the 0.8V reference voltage. The PGOOD pin is
also pulled low when either RUN pin is below 1.2V or when
the LTM4619 is in the soft-start or tracking phase. When
the VFB pin voltage is within the ±7.5% requirement, the
MOSFET is turned off and the pin is allowed to be pulled
up by an external resistor to a source of up to 6V. The
PGOOD pin will flag power good immediately when both
VFB pins are within the ±7.5% window. However, there is
an internal 17μs power bad mask when either VFB goes
out of the ±7.5% window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com