Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609IV Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4609IV
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609IV Datasheet(HTML) 5 Page - Linear Technology

  LTM4609IV Datasheet HTML 1Page - Linear Technology LTM4609IV Datasheet HTML 2Page - Linear Technology LTM4609IV Datasheet HTML 3Page - Linear Technology LTM4609IV Datasheet HTML 4Page - Linear Technology LTM4609IV Datasheet HTML 5Page - Linear Technology LTM4609IV Datasheet HTML 6Page - Linear Technology LTM4609IV Datasheet HTML 7Page - Linear Technology LTM4609IV Datasheet HTML 8Page - Linear Technology LTM4609IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4609
5
4609fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
6VIN to 12VOUT
Efficiency vs Load Current
12VIN to 12VOUT
Efficiency vs Load Current
32VIN to 12VOUT
Efficiency vs Load Current
3.3μH Inductor
Transient Response from
6VIN to 12VOUT
Transient Response from
12VIN to 12VOUT
(Refer to Figure 18)
Efficiency vs Load Current
5.6μH Inductor
Efficiency vs Load Current
8μH Inductor
Efficiency vs Load Current
LOAD CURRENT (A)
0.01
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
4609 G01
BURST
DCM
CCM
LOAD CURRENT (A)
0.01
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
4609 G02
BURST
DCM
CCM
LOAD CURRENT (A)
0.01
0.1
1
100
10
4609 G03
0
20
30
40
50
60
70
80
90
100
10
SKIP CYCLE
DCM
CCM
0
85
3
2
1
45678
4609 G04
910
LOAD CURRENT (A)
70
75
80
90
100
95
12VIN TO 5VOUT
24VIN TO 5VOUT
32VIN TO 5VOUT
LOAD CURRENT (A)
0
90
91
93
94
95
100
97
2
13
45
4609 G05
92
98
99
96
67
8
28VIN to 20VOUT
32VIN to 20VOUT
36VIN to 20VOUT
LOAD CURRENT (A)
0
93
94
95
100
97
12
3
4609 G06
98
99
96
5
4
6
30VIN to 30VOUT
32VIN to 30VOUT
36VIN to 30VOUT
LOAD CURRENT (A)
0
70
75
85
90
95
100
0.5
1
1.5
4609 G07
80
2.5
2
3
5VIN to 16VOUT
5VIN to 24VOUT
5VIN to 30VOUT
LOAD STEP: 0A TO 3A AT CCM
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 15mΩ SENSING RESISTORS
200μs/DIV
4609 G08
IOUT
2A/DIV
VOUT
200mV/DIV
LOAD STEP: 0A TO 3A AT CCM
OUTPUT CAPS: 4x 22μF CERAMIC CAPS AND
2x 180μF ELECTROLYTIC CAPS
2x 15mΩ SENSING RESISTORS
200μs/DIV
4609 G09
IOUT
2A/DIV
VOUT
200mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com