Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8025
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025 Datasheet(HTML) 2 Page - Linear Technology

  LTM8025 Datasheet HTML 1Page - Linear Technology LTM8025 Datasheet HTML 2Page - Linear Technology LTM8025 Datasheet HTML 3Page - Linear Technology LTM8025 Datasheet HTML 4Page - Linear Technology LTM8025 Datasheet HTML 5Page - Linear Technology LTM8025 Datasheet HTML 6Page - Linear Technology LTM8025 Datasheet HTML 7Page - Linear Technology LTM8025 Datasheet HTML 8Page - Linear Technology LTM8025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8025
2
8025f
ABSOLUTE MAXIMUM RATINGS
VIN, RUN/SS Voltage.................................................36V
ADJ, RT, SHARE Voltage.............................................6V
VOUT, AUX .................................................................25V
PGOOD, SYNC...........................................................30V
BIAS..........................................................................25V
VIN + BIAS.................................................................56V
Maximum Junction Temperature (Note 2) ............ 125°C
Solder Temperature............................................... 245°C
(Note 1)
ORDER INFORMATION
PIN CONFIGURATION
GND
1
A
B
C
BANK 1
BANK 2
BANK 3
D
E
F
G
H
J
K
L
234
LGA PACKAGE
70-PIN (15mm
9mm
4.32mm)
567
VOUT
VIN
RT
SHARE
PGOOD
ADJ
SYNC
RUN/SS
AUX
BIAS
TJMAX = 125°C, θJA = 24.4°C/W, θJC(BOTTOM) = 11.5°C/W,
θJC(TOP) = 42.7°C/W, θJB = 18.7°C/W
θ VALUES DETERMINED PER JESD51-9, MAX OUTPUT POWER
WEIGHT = 1.8 GRAMS
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RUN/SS = 12V, BIAS = 3V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.6
V
Output DC Voltage
0 < IOUT ≤ 3A; RADJ Open
0 < IOUT ≤ 3A; RADJ = 16.9k; VIN = 32V
0.8
24
V
V
Output DC Current
VOUT = 3.3V
0
3
A
Quiescent Current into VIN
RUN/SS = 0V
Not Switching
BIAS = 0V, Not Switching
0.01
25
85
1
60
150
μA
μA
μA
Quiescent Current into BIAS
RUN/SS = 0V
Not Switching
BIAS = 0V, Not Switching
0.01
65
0
0.5
120
5
μA
μA
μA
Line Regulation
5.5V < VIN < 36V, IOUT = 1A
0.3
%
Load Regulation
0A < IOUT < 3A
0.4
%
LEAD FREE FINISH
TRAY
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM8025EV#PBF
LTM8025EV#PBF
8025V
70-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
LTM8025IV#PBF
LTM8025IV#PBF
8025V
70-Lead (15mm
× 9mm × 4.32mm) LGA
–40°C to 125°C
LTM8025MPV#PBF
LTM8025MPV#PBF
8025MPV
70-Lead (15mm
× 9mm × 4.32mm) LGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com