Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4615EV Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4615EV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615EV Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4615EV Datasheet HTML 16Page - Linear Technology LTM4615EV Datasheet HTML 17Page - Linear Technology LTM4615EV Datasheet HTML 18Page - Linear Technology LTM4615EV Datasheet HTML 19Page - Linear Technology LTM4615EV Datasheet HTML 20Page - Linear Technology LTM4615EV Datasheet HTML 21Page - Linear Technology LTM4615EV Datasheet HTML 22Page - Linear Technology LTM4615EV Datasheet HTML 23Page - Linear Technology LTM4615EV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4615
21
4615f
APPLICATIONS INFORMATION
Figure 14. 3.3V and 2.5V at 4A with Output Voltage Tracking Design, 1.8V at 1A
PGOOD1
PGOOD1
FB1
COMP1
TRACK1
RUN/SS1
LDO_IN
EN3
BOOST3
GND1
GND2
LTM4615
GND3
VIN1
VIN2
VOUT1
3.3V
2.5V
VIN 5V
RFB1
2.37k
C4
22μF
6.3V
C5
22μF
6.3V
C6
22μF
6.3V
C11
10μF
6.3V
C9
22μF
6.3V
C3
22μF
6.3V
C12
10μF
C1
10μF
6.3V
C1
10μF
6.3V
VOUT1
2.5V
4A
SLAVE
VOUT2
3.3V
4A
R4
10k
MASTER
PGOOD2
FB2
COMP2
TRACK2
VIN OR A CONTROL RAMP
RUN/SS2
LDO_OUT
FB3
PGOOD3
PGOOD3
VOUT2
RTA
2.37k
RTB
4.99k
R3
10k
RFB2
1.62k
R6
10k
4615 F14
1.8V
VOUT3 1.8V AT 1A
R5
1.43k
PGOOD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com