Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032EVPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTM8032EVPBF
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032EVPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM8032EVPBF Datasheet HTML 12Page - Linear Technology LTM8032EVPBF Datasheet HTML 13Page - Linear Technology LTM8032EVPBF Datasheet HTML 14Page - Linear Technology LTM8032EVPBF Datasheet HTML 15Page - Linear Technology LTM8032EVPBF Datasheet HTML 16Page - Linear Technology LTM8032EVPBF Datasheet HTML 17Page - Linear Technology LTM8032EVPBF Datasheet HTML 18Page - Linear Technology LTM8032EVPBF Datasheet HTML 19Page - Linear Technology LTM8032EVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTM8032
18
8032fa
PACKAGE DESCRIPTION
LGA Package
71-Lead (15mm
× 9mm × 2.82mm)
(Reference LTC DWG # 05-08-1823 Rev Ø)
9.00
BSC
PACKAGE TOP VIEW
LGA 71 0108 REV Ø
15.00
BSC
4
PAD 1
CORNER
3
PADS
SEE NOTES
X
Y
aaa Z
2.670 – 2.970
DETAIL A
PACKAGE SIDE VIEW
DETAIL A
SUBSTRATE
MOLD
CAP
0.27 – 0.37
2.40 – 2.60
1.270
BSC
0.635 ±0.025 SQ. 71x
12.700
BSC
7.620
BSC
PAD 1
Ø (0.635)
PACKAGE IN TRAY LOADING ORIENTATION
2.540
2.540
1.270
5.080
5.080
6.350
6.350
3.810
3.810
0.000
1.270
SUGGESTED PCB LAYOUT
TOP VIEW
LTMXXXXXX
μModule
TRAY PIN 1
BEVEL
COMPONENT
PIN 1
PACKAGE BOTTOM VIEW
6
75
1
2
3
4
L
K
J
H
G
F
E
D
C
B
A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
LAND DESIGNATION PER JESD MO-222, SPP-010 AND SPP-020
5. PRIMARY DATUM -Z- IS SEATING PLANE
6. THE TOTAL NUMBER OF PADS: 71
4
3
DETAILS OF PAD #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PAD #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
DETAIL A
S
Y
X
eee
DETAIL A
SYMBOL
aaa
bbb
eee
TOLERANCE
0.15
0.10
0.05
1.27
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com