Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4619IV Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4619IV
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619IV Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4619IV Datasheet HTML 16Page - Linear Technology LTM4619IV Datasheet HTML 17Page - Linear Technology LTM4619IV Datasheet HTML 18Page - Linear Technology LTM4619IV Datasheet HTML 19Page - Linear Technology LTM4619IV Datasheet HTML 20Page - Linear Technology LTM4619IV Datasheet HTML 21Page - Linear Technology LTM4619IV Datasheet HTML 22Page - Linear Technology LTM4619IV Datasheet HTML 23Page - Linear Technology LTM4619IV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4619
21
4619f
TYPICAL APPLICATIONS
Figure 21. 4-Phase, Four Outputs (5V, 3.3V, 2.5V and 1.8V) with Tracking
4619 F21
VIN
VFB1
COMP1
VOUT1
TK/SS1
RUN1
PGOOD
FREQ/PLLFLTR
VFB2
COMP2
VOUT2
TK/SS2
RUN2
EXTVCC
INTVCC
MODE/PLLIN
LTM4619
CLOCK SYNC, 0° PHASE
CLOCK SYNC, 90° PHASE
SGND
PGND
R3
11.5k
C4
22μF
C5
220μF
VOUT2
3.3V/4A
C1
0.1μF
R4
19.1k
C10
22pF
C11
22pF
R1
60.4k
R2
19.1k
VOUT1
+
C3
22μF
C2
220μF
VOUT1
5V/4A
+
VIN
VFB1
COMP1
VOUT1
TK/SS1
RUN1
PGOOD
FREQ/PLLFLTR
VFB2
COMP2
VOUT2
TK/SS2
RUN2
EXTVCC
INTVCC
MODE/PLLIN
LTM4619
SGND
PGND
R7
28k
C6
22μF
C7
220μF
VOUT4
1.8V/4A
R8
48.7k
C12
22pF
C13
22pF
R5
60.4k
R6
48.7k
VOUT1
R10
60.4k
R11
28k
VOUT1
+
C8
22μF
C9
220μF
VOUT3
2.5V/4A
+
CIN2
10μF
2x
CIN1
330μF
VIN
6V TO 26.5V +
V+
GND
SET
OUT1
OUT2
MOD
LTC6908-2
C3
0.1μF
R9
143k
ON/OFF
2 PHASE OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com