Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032MPVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8032MPVPBF
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032MPVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8032MPVPBF Datasheet HTML 6Page - Linear Technology LTM8032MPVPBF Datasheet HTML 7Page - Linear Technology LTM8032MPVPBF Datasheet HTML 8Page - Linear Technology LTM8032MPVPBF Datasheet HTML 9Page - Linear Technology LTM8032MPVPBF Datasheet HTML 10Page - Linear Technology LTM8032MPVPBF Datasheet HTML 11Page - Linear Technology LTM8032MPVPBF Datasheet HTML 12Page - Linear Technology LTM8032MPVPBF Datasheet HTML 13Page - Linear Technology LTM8032MPVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM8032
10
8032fa
APPLICATIONS INFORMATION
may have only a small fraction of their nominal capaci-
tance resulting in much higher output voltage ripple than
expected. Ceramic capacitors are also piezoelectric. In
Burst Mode operation, the LTM8032’s switching frequency
depends on the load current, and can excite a ceramic
capacitor at audio frequencies, generating audible noise.
Since the LTM8032 operates at a lower current limit during
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this audible noise is unacceptable, use a high
performance electrolytic capacitor at the output. The input
capacitor can be a parallel combination of a 2.2μF ceramic
capacitor and a low cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8032. A
ceramic input capacitor combined with trace or cable
inductance forms a high Q (under damped) tank circuit.
If the LTM8032 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Electromagnetic Compliance
The LTM8032 is compliant with the radiated emissions
requirements of EN55022 class B. Graphs of the LTM8032’s
EMC performance are given in the Typical Performance
Characteristics section. Further data, operating conditions
and test setup are detailed in an EMI Test report available
from Linear Technology.
Frequency Selection
The LTM8032 uses a constant frequency PWM architecture
that can be programmed to switch from 200kHz to 2.4MHz
by using a resistor tied from the RT pin to ground. Table 2
provides a list of RT resistor values and their resultant
frequencies.
Operating Frequency Trade-Offs
It is recommended that the user apply the optimal RT
value given in Table 1 for the input and output operating
condition. System level or other considerations, however,
may necessitate another operating frequency. While the
LTM8032 is flexible enough to accommodate a wide range
of operating frequencies, a haphazardly chosen one may
result in undesirable operation under certain operating or
fault conditions. A frequency that is too high can reduce
efficiency, generate excessive heat or even damage the
LTM8032 if the output is overloaded or short-circuited.
A frequency that is too low can result in a final design
that has too much output ripple or too large of an output
cap. The maximum frequency (and attendant RT value) at
which the LTM8032 should be allowed to switch is given
in Table 1 in the fMAX column, while the recommended
frequency (and RT value) for optimal efficiency over the
given input condition is given in the fOPTIMAL column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the internal
power switching stage and operate internal circuitry. For
proper operation, it must be powered by at least 2.8V. If
the output voltage is programmed to be 2.8V or higher,
simply tie BIAS to AUX. If VOUT is less than 2.8V, BIAS
can be tied to VIN or some other voltage source. In all
cases, ensure that the maximum voltage at the BIAS pin
is both less than 25V and the sum of VIN and BIAS is less
Table 2. Switching Frequency vs RT Value
SWITCHING FREQUECNY (MHz)
RT VALUE (kΩ)
0.2
187
0.3
124
0.4
88.7
0.5
69.8
0.6
54.9
0.7
44.2
0.8
39.2
0.9
34
1.0
29.4
1.2
23.7
1.4
19.1
1.5
16.2
1.8
13.3
2
11.5
2.2
9.76
2.4
8.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com