Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8025MPV Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8025MPV
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPV Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8025MPV Datasheet HTML 9Page - Linear Technology LTM8025MPV Datasheet HTML 10Page - Linear Technology LTM8025MPV Datasheet HTML 11Page - Linear Technology LTM8025MPV Datasheet HTML 12Page - Linear Technology LTM8025MPV Datasheet HTML 13Page - Linear Technology LTM8025MPV Datasheet HTML 14Page - Linear Technology LTM8025MPV Datasheet HTML 15Page - Linear Technology LTM8025MPV Datasheet HTML 16Page - Linear Technology LTM8025MPV Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8025
13
8025f
APPLICATIONS INFORMATION
Figure 1. To Soft-Start the LTM8025, Add a Resistor and
Capacitor to the RUN/SS Pin
on is higher than that required to run, and depends upon
whether the RUN/SS is used. As shown in the Typical
Performance Characteristics section, the minimum input
voltage to run a 3.3V output at light load is only about 3.6V,
but, if the RUN/SS is pulled up to VIN, it takes 5.5VIN to
start. If the LTM8025 is enabled with the RUN/SS pin, the
minimum voltage to start at light loads is lower, about 4.3V.
Similar curves detailing this behavior of the LTM8025 for
other outputs are also included in the Typical Performance
Characteristics section.
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8025,
reducing the maximum input current during start-up. The
RUN/SS pin is driven through an external RC filter to cre-
ate a voltage ramp at this pin. Figure 1 shows the start-up
and shutdown waveforms with the soft-start circuit. By
choosing an appropriate RC time constant, the peak start-
up current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply at least 20μA when
the RUN/SS pin reaches 2.5V.
IL
1A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
8025 F01
2ms/DIV
RUN/SS
RUN
RUN
15k
0.22μF
Frequency Foldback
The LTM8025 is equipped with frequency foldback which
acts to reduce the thermal and energy stress on the internal
power elements during a short circuit or output overload
condition. If the LTM8025 detects that the output has fallen
out of regulation, the switching frequency is reduced as a
function of how far the output is below the target voltage.
This in turn limits the amount of energy that can be delivered
to the load under fault. During the start-up time, frequency
foldback is also active to limit the energy delivered to the
potentially large output capacitance of the load.
Synchronization
The internal oscillator of the LTM8025 can be synchronized
by applying an external 250kHz to 2MHz clock to the SYNC
pin. Do not leave this pin floating. When synchronizing
the LTM8025, select an RT resistor value that corresponds
to an operating frequency 20% lower than the intended
synchronization frequency (see the Frequency Selection
section).
In addition to synchronization, the SYNC pin controls Burst
Mode behavior. If the SYNC pin is driven by an external
clock, or pulled up above 0.7V, the LTM8025 will not en-
ter Burst Mode operation, but will instead skip pulses to
maintain regulation instead.
Shorted Input Protection
Care needs to be taken in systems where the output will be
held high when the input to the LTM8025 is absent. This
may occur in battery charging applications or in battery
backup systems where a battery or some other supply is
diode ORed with the LTM8025’s output. If the VIN pin is
allowed to float and the SHDN pin is held high (either by a
logic signal or because it is tied to VIN), then the LTM8025’s
internal circuitry will pull its quiescent current through
its internal power switch. This is fine if your system can
tolerate a few milliamps in this state. If you ground the
SHDN pin, the SW pin current will drop to essentially zero.
However, if the VIN pin is grounded while the output is
held high, then parasitic diodes inside the LTM8025 can
pull large currents from the output through the VIN pin.
Figure 2 shows a circuit that will run only when the input
voltage is present and that protects against a shorted or
reversed input.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8025. The LTM8025 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com