Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2817 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2817
Description  BiCMOS POWER FACTOR PREREGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2817 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2817 Datasheet HTML 1Page - Texas Instruments UCC2817 Datasheet HTML 2Page - Texas Instruments UCC2817 Datasheet HTML 3Page - Texas Instruments UCC2817 Datasheet HTML 4Page - Texas Instruments UCC2817 Datasheet HTML 5Page - Texas Instruments UCC2817 Datasheet HTML 6Page - Texas Instruments UCC2817 Datasheet HTML 7Page - Texas Instruments UCC2817 Datasheet HTML 8Page - Texas Instruments UCC2817 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8&& 8&& 8&& 8&&
%L&026 32:(5 )$&725 35(5(*8/$725
6/86$  )(%58$5<   5(9,6(' $35,/ 

3267 2)),&( %2; 
x '$//$6 7(;$6 
3267 2)),&( %2; 
x +286721 7(;$6 
- &RQWUROV %RRVW 3UHUHJXODWRU WR
1HDU8QLW\ 3RZHU )DFWRU
- /LPLWV /LQH 'LVWRUWLRQ
- :RUOG :LGH /LQH 2SHUDWLRQ
- 2YHU9ROWDJH 3URWHFWLRQ
- $FFXUDWH 3RZHU /LPLWLQJ
- $YHUDJH &XUUHQW 0RGH &RQWURO
- ,PSURYHG 1RLVH ,PPXQLW\
- ,PSURYHG )HHG)RUZDUG /LQH
5HJXODWLRQ
- /HDGLQJ (GJH 0RGXODWLRQ
-  PP$ 7\SLFDO 6WDUW8S &XUUHQW
- /RZ 3RZHU %L&026 2SHUDWLRQ
-  9 WR  9 2SHUDWLRQ
GHVFULSWLRQ
7KH 8&& 8&& 8&& DQG 8&& SURYLGH DOO WKH IXQFWLRQV QHFHVVDU\ IRU DFWLYH SRZHU IDFWRU
FRUUHFWHG SUHUHJXODWRUV 7KH FRQWUROOHU DFKLHYHV QHDU XQLW\ SRZHU IDFWRU E\ VKDSLQJ WKH DF LQSXW OLQH FXUUHQW
ZDYHIRUP WR FRUUHVSRQG WR WKDW RI WKH DF LQSXW OLQH YROWDJH $YHUDJH FXUUHQW PRGH FRQWURO PDLQWDLQV VWDEOH ORZ
GLVWRUWLRQ VLQXVRLGDO OLQH FXUUHQW
'HVLJQHG LQ 8QLWURGH·V %L&026 SURFHVV WKH 8&&8&& RIIHUV QHZ IHDWXUHV VXFK DV ORZHU VWDUWXS
FXUUHQW ORZHU SRZHU GLVVLSDWLRQ RYHUYROWDJH SURWHFWLRQ D VKXQW 89/2 GHWHFW FLUFXLWU\ D OHDGLQJHGJH
PRGXODWLRQ WHFKQLTXH WR UHGXFH ULSSOH FXUUHQW LQ WKH EXON FDSDFLWRU DQG DQ LPSURYHG ORZRIIVHW r P9 FXUUHQW
DPSOLILHU WR UHGXFH GLVWRUWLRQ DW OLJKW ORDG FRQGLWLRQV
8&& RIIHUV DQ RQFKLS VKXQW UHJXODWRU ZLWK ORZ VWDUWXS FXUUHQW VXLWDEOH IRU DSSOLFDWLRQV XWLOL]LQJ D
ERRWVWUDS VXSSO\ 8&& LV LQWHQGHG IRU DSSOLFDWLRQV ZLWK D IL[HG VXSSO\ 9&& 
$YDLODEOH LQ WKH SLQ ' ': DQG 1 SDFNDJHV
EORFN GLDJUDP
8'*
VREF
9
2
16
1
15
10
5
4
DRVOUT
GND
CAI
VCC
OVP/EN
VAOUT
1.9V
PKLMT
7.5V
REFERENCE
UVLO
16V/10V (UCC1817)
10.5V/10V (UCC1818)
VCC
3
OSCILLATOR
12
RT
14
CT
SQ
R
PWM
LATCH
+
–
PWM
CAOUT
+
–
+
–
+
–
SS
VOLTAGE
ERROR AMP
8.0V
13
7
11
VSENSE
VFF
8
IAC
6
MOUT
MIRROR
2:1
X2
+
–
7.5V
ENABLE
OVP
÷
X
X
MULT
OSC
CLK
CLK
CURRENT
AMP
16V (FOR UCC1817 ONLY)
+
–
0.25V
+
–
ZERO POWER
&RS\ULJKW ¤  7H[DV ,QVWUXPHQWV ,QFRUSRUDWHG
352'8&7,21 '$7$ LQIRUPDWLRQ LV FXUUHQW DV RI SXEOLFDWLRQ GDWH
3URGXFWV FRQIRUP WR VSHFLILFDWLRQV SHU WKH WHUPV RI 7H[DV ,QVWUXPHQWV
VWDQGDUG ZDUUDQW\ 3URGXFWLRQ SURFHVVLQJ GRHV QRW QHFHVVDULO\ LQFOXGH
WHVWLQJ RI DOO SDUDPHWHUV
3OHDVH EH DZDUH WKDW DQ LPSRUWDQW QRWLFH FRQFHUQLQJ DYDLODELOLW\ VWDQGDUG ZDUUDQW\ DQG XVH LQ FULWLFDO DSSOLFDWLRQV RI
7H[DV ,QVWUXPHQWV VHPLFRQGXFWRU SURGXFWV DQG GLVFODLPHUV WKHUHWR DSSHDUV DW WKH HQG RI WKLV GDWD VKHHW
DRVOUT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
CT
SS
RT
VSENSE
OVP/EN
VREF
GND
PKLMT
CAOUT
CAI
MOUT
IAC
VAOUT
VFF
62,& ',/ 723 9,(:
' ': DQG 1 3$&.$*(6


Similar Part No. - UCC2817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817 TI-UCC2817 Datasheet
923Kb / 31P
BCMOS POWER FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI2-UCC2817-EP Datasheet
427Kb / 23P
BiCMOS POWER-FACTOR PREREGULATOR
DECEMBER 2008
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
BiCMOS POWER-FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
BiCMOS POWER FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com