Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2918 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC2918
Description  Low On Resistance Hot Swap Power Manager
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2918 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2918 Datasheet HTML 1Page - Texas Instruments UCC2918 Datasheet HTML 2Page - Texas Instruments UCC2918 Datasheet HTML 3Page - Texas Instruments UCC2918 Datasheet HTML 4Page - Texas Instruments UCC2918 Datasheet HTML 5Page - Texas Instruments UCC2918 Datasheet HTML 6Page - Texas Instruments UCC2918 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UCC2918
UCC3918
SLUS384A - NOVEMBER 1999
FEATURES
• Integrated 0.06Ω Power
MOSFET
• 3V to 6V Operation
• External Analog control of
Fault Current from 0A to 4A
• Independent Analog Control
of Current Limit up to 5A
• Fast Overload Protection
• Uni-directional Switch
• Minimal External Components
• 1µA ICC when Disabled
• Programmable On Time
• Programmable Start Delay
• Fixed 3% Duty Cycle
Low On Resistance Hot Swap Power Manager
9
8
5
4
13
12
10
6
7
3
2
1
INTERNAL
BIAS
THERMAL
SHUTDOWN
ON TIME
CONTROL
3% DUTY
CYCLE
CHARGE
PUMP
16
15
14
+
–
VIN
VIN
VIN
VOUT
VOUT
VOUT
SHTDWN
FAULT
CT
HEAT SINK GND
PINS
GND
IFAULT
IMAX
CURRENT
FAULT LEVEL
OVERLOAD
COMPARATOR
OVERCURRENT
COMPARATOR
REVERSE
COMPARATOR
V
OUT
+
20mV
CURRENT SENSE
1.5V
H = OPEN
MAXIMUM
CURRENT
LEVEL
+
BLOCK DIAGRAM
UDG-99153
DESCRIPTION
The UCC3918 Low on Resistance Hot Swap Power Manager provides complete
power management, hot swap capability, and circuit breaker functions. The only
components needed to operate the device, other than supply bypassing, are a tim-
ing capacitor, and 2 programming resistors. All control and housekeeping functions
are integrated, and externally programmable. These include the fault current level,
maximum output sourcing current, maximum fault time, and startup delay. In the
event of a constant fault, the internal fixed 3% duty cycle ratio limits the average
output power. The IFAULT pin allows linear programming of the fault level current
from 0A to 4A.
Fast overload protection is accomplished by an additional overload comparator. Its
threshold is internally set above the maximum sourcing current limit setting. In the
event of a short circuit or extreme current condition, this comparator is tripped,
shutting down the output. This function is needed since the maximum sourcing cur-
rent limit loop has a finite bandwidth.
When the output current is below the fault level, the output MOSFET is switched on
with a nominal resistance of 0.06
Ω. When the output current exceeds the fault level
or the maximum sourcing level, the output remains on, but the fault timer starts
charging CT. Once CT charges to a preset threshold, the switch is turned off, and
remains off for 30 times the programmed fault time. When the output current
reaches the maximum sourcing level, the MOSFET transitions form a switch to a
constant current source.
(continued)
application
INFO
available


Similar Part No. - UCC2918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2918 TI1-UCC2918 Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918DP TI1-UCC2918DP Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918DPTR TI1-UCC2918DPTR Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918J TI1-UCC2918J Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918N TI1-UCC2918N Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
More results

Similar Description - UCC2918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
LOW CURRENT HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
UCC2918 TI1-UCC2918_08 Datasheet
205Kb / 10P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com