Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7137 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7137
Description  Output of Complementary Pairs of PWM Signals in Three Phases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7137_09 Datasheet HTML 3Page - Renesas Technology Corp SH7137_09 Datasheet HTML 4Page - Renesas Technology Corp SH7137_09 Datasheet HTML 5Page - Renesas Technology Corp SH7137_09 Datasheet HTML 6Page - Renesas Technology Corp SH7137_09 Datasheet HTML 7Page - Renesas Technology Corp SH7137_09 Datasheet HTML 8Page - Renesas Technology Corp SH7137_09 Datasheet HTML 9Page - Renesas Technology Corp SH7137_09 Datasheet HTML 10Page - Renesas Technology Corp SH7137_09 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SH7280 Group
MTU2: Output of Complementary Pairs of PWM Signals in Three Phases
(Complementary PWM Mode)
REJ06B0887-0100/Rev.1.00
June 2009
Page 7 of 24
2.2
Operation of the Sample Program
2.2.1
Settings for Operation of the Sample Program
In this sample program, the output of complementary PWM waveforms in three phases on channels 3 and 4 of MTU2 is
obtained by selecting complementary PWM mode 3. An output level is also toggled in synchronization with the PWM
carrier cycle. Table 3 gives the setting conditions for operation in complementary PWM mode in this sample program.
Figure 4 shows a sample of output waveforms in complementary PWM mode.
Table 3
Setting for Operation in Complementary PWM Mode
Item
Description
Channels in use
3 and 4
Operating mode
Complementary PWM mode 3 (data transfer at the crest and trough of the
counter value)
Functions of pins
• TIOC3A pin: Output toggled in synchronization with the PWM cycle
• TIOC3B pin: PWM output 1 (positive waveform)
• TIOC3D pin: PWM output 1' (inverse waveform for PWM output 1)
• TIOC4A pin: PWM output 2 (positive waveform)
• TIOC4C pin: PWM output 2' (inverse waveform for PWM output 2)
• TIOC4B pin: PWM output 3 (positive waveform)
• TIOC4D pin: PWM output 3' (inverse waveform for PWM output 3)
Active level
• Output of positive signal: Active low
• Output of inverse signal: Active low
Counter clock
10 MHz (Obtained by dividing P
φ clock frequency by 4)
PWM carrier cycle
400
μs (carrier frequency: 2.5 kHz)
Short-circuit prevention
interval (dead time)
4
μs
PWM duty cycle
• Initial duty cycle for PWM outputs 1, 2, 3: 50%
PWM duty cycle value is updated every time the TGRA_3 interrupt is
generated (setting is incremented or decremented).
Interrupt
• Compare match interrupt for TGRA_3
A TGRA_3 compare match is generated once per PWM-carrier cycle.
TIOC3A pin
(Toggled output)
TIOC3B pin
(PWM output 1, positive)
TIOC3D pin
(PWM output 1', inverse)
TIOC4A pin
(PWM output 2, positive)
TIOC4C pin
(PWM output 2', inverse)
TIOC4B pin
(PWM output 3, positive)
TIOC4D pin
(PWM output 3', inverse)
1
0
PWM carrier cycle
PWM carrier cycle
Short-circuit
prevention interval
1
0
1
0
1
0
1
0
1
0
1
0
Short-circuit
prevention interval
PWM waveform outputs are active low level (for both phases of each pair).
: Active level (low)
Figure 4 Output Waveforms in Complementary PWM Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com