Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7262 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 9Page - Renesas Technology Corp SH7262 Datasheet HTML 10Page - Renesas Technology Corp SH7262 Datasheet HTML 11Page - Renesas Technology Corp SH7262 Datasheet HTML 12Page - Renesas Technology Corp SH7262 Datasheet HTML 13Page - Renesas Technology Corp SH7262 Datasheet HTML 14Page - Renesas Technology Corp SH7262 Datasheet HTML 15Page - Renesas Technology Corp SH7262 Datasheet HTML 16Page - Renesas Technology Corp SH7262 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 13 of 45
A
End
Set the Command register_00 (SPCMD_00)
• Set the SPCMD_00 (SPCMD_00 = H'E780)
Functions:
(1) Specify the same value in SPCKD_0, SSLND_0, and SPND_0
(2) Specify the data format to MSB first
(3) Specify the transfer data length to 8-bit
(4) Keep the SSL signal level from the end of the transfer
until the beginning of the next access
(5) Select the SPBR_0 base bit rate (no division)
(6) Specify the RSPCK when idling as 0
(7) Specify the RSPCK to latch data on odd edge, and output
data on even edge
Set the Buffer control register_0 (SPBFCR_0)
• Set the SPBFCR_0 (SPBFCR_0 = H'C0, SPBFCR_0 = H'00)
Functions:
(1) Reset the data in transmit/receive buffers
(It should be cleared to 0 every time the data is written)
(2) Specify the number of available triggering bytes when the
transmit buffer is empty as 1
(3) Specify the number of triggering bytes when the receive buffer
is full as 1
Set the Slave select polarity register_0 (SSLP_0)
• Set the SSLP_0 (SSLP_0 = H'00)
Function: Specify the SSL signal to 0-active
Set the Control register_0 (SPCR_0)
• Set the SPCR_0 (SPCR_0 = H'48)
Functions:
(1) Enable the RSPI
(2) Disable the transmit, receive, error interrupts
(3) Set the RSPI in master mode
(4) Disable to detect the mode fault error
Figure 10 RSPI Initialization Flow Chart (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com