Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7264 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 35Page - Renesas Technology Corp SH7264 Datasheet HTML 36Page - Renesas Technology Corp SH7264 Datasheet HTML 37Page - Renesas Technology Corp SH7264 Datasheet HTML 38Page - Renesas Technology Corp SH7264 Datasheet HTML 39Page - Renesas Technology Corp SH7264 Datasheet HTML 40Page - Renesas Technology Corp SH7264 Datasheet HTML 41Page - Renesas Technology Corp SH7264 Datasheet HTML 42Page - Renesas Technology Corp SH7264 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 39 of 45
3.21
Sample Program Listing "serial_flash.c" (18/19)
711
712
713
714
715
716
717
718
719
720
721
722
723
724
725
726
727
728
729
730
731
732
733
734
735
736
737
738
739
740
741
742
743
744
745
746
/* ==== MISO (read data) ==== */
RSPI0.SPCMD0.BIT.CPOL= 0;
/* RSPCK when idling is 0 */
RSPI0.SPCMD0.BIT.CPHA= 1;
/* Latches data on even (falling) edge */
RSPI0.SPBFCR.BYTE
= 0xC0u;
/* Resets buffer */
RSPI0.SPBFCR.BYTE
= 0x00u;
RSPI0.SPDCR.BIT.SPLW = 3;
/* Access width to the SPDR register: 32-bit */
RSPI0.SPCMD0.BIT.SPB = 3;
/* Transfer data length: 32-bit */
/* ---- Enables the DMA transfer ---- */
RSPI0.SPCR.BIT.SPRIE =
1;
/* Enable an interrupt (for DMA transfer) */
DMAC.CHCR0.LONG
=
0x00000000; /* Disables the DMA transfer */
DMAC.DMARS0.WORD =
0x0052u;
/* RSPI0 Rx */
DMAC.DMAOR.WORD
=
0x0001u;
/* Enables all DMA transfers */
DMAC.SAR0.LONG
=
(unsigned long)&(RSPI0.SPDR.BYTE);
DMAC.DAR0.LONG
=
(unsigned long)rd;
/* Transfer destination address */
DMAC.DMATCR0.LONG
=
rd_sz >> 2;
/* Transfer size */
DMAC.CHCR0.LONG
=
(unsigned long)0x00004811;
/* Transfer size (long),
enables the DMA transfer */
/* ---- Receives data ---- */
RSPI0.SPDCR.BIT.TXDMY = 1;
/* Enables to transmit the dummy data */
while(DMAC.CHCR0.BIT.TE == 0){
/* Waits for the DMA transfer end */
/* wait */
}
RSPI0.SPDCR.BIT.TXDMY = 0;
/* Disables to transmit the dummy data */
DMAC.CHCR0.LONG
=
0x00000000ul;
/* Disables the DMA0 */
io_wait_tx_end();
/* Waits for transfer end */
/* ==== Restores the SPI to default setting ==== */
RSPI0.SPCR.BIT.SPE = 0;
RSPI0.SPDCR.BIT.SPLW = 1;
/* Access width to the SPDR register: 8-bit */
RSPI0.SPCMD0.BIT.SPB = 7;
/* Transfer data length: 8-bit */
}
#endif
/* SF_USE_DMAC */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com