Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL855HD Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADL855HD
Description  Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL855HD Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADL855HD Datasheet HTML 1Page - ADL Embedded Solutions ADL855HD Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5 inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU:
Intel® Pentium® M / Celeron® M
1.0GHz - 1.8GHz
L2-Cache:
512KB / 1024KB / 2048KB
CPU Dependent
CPU-Clock:
1.0GHz / 1.5GHz / 1.8GHz
Celeron® M / Celeron M / Pentium M
Chipset
Intel® 855GME / ICH4
Front Side Bus
400MHz
CPU Speed Steps:
100MHz software program. via CSR
N/A on Celeron M®
INTEL Speed Step Technology:
Geyserville III
N/A on Celeron M®
Memory 200pin DDR SODIMM:
128MB – 2048MB
ECC Memory Supported
Video Controller:
855GME Intel Extreme Graphics 2
Video Memory:
1 – 32MB UMA DDR-RAM
64MB Window
Video Interfaces:
CRT / DVI / LVDS
Video Channel 1:
CRT / DVI 2048 x 1536
Video Channel 2:
LVDS 18/24/36/48 Bit
36/48 requires second cable
Real Time Clock:
Yes
External Battery Required for RTC
Ethernet LAN Controller1:
Intel® ICH4 – ext. PHY 82562EZ
10/100 MBit with RPL, PXE and WOL
Ethernet LAN Controller2:
Intel® 82541ER
10/100/1000 Mbit with WOL
AC97-Controller:
Intel® ICH4 – AC97 V2.3
ALC655 Codec 5.1 Sound
SMBus-Controller:
Intel® ICH4 – SMBus
USB2-Controller:
6x Ports V2.0
USB-6 for use with ELO Touchscreen
Flash BIOS:
512KB/1MB
2MB available on version G5
BIOS:
Phoenix Award 6.1
Power Management Control:
ACPI / APM
EIDE-Controller:
PIO 1-4 and UDMA 100*/66*/33
Primary and Secondary support
*requires 80 conductor cable
HW-Monitor:
Winbond W83627HF
Audio Output:
Stereo Output and SPDif
5.1 Support
Audio Input:
Stereo-Line, Mic and SPDif
Keyboard / Mouse:
PS/2-USB
COM1 - COM4
RS232
115KBit max,
TTL solder
PCI-Bus:
Mini-PCI Socket
Power Supply:
+5VDC, +5VDC Suspend (+12VDC for
fans)
+/- 5% Tolerance
Power consumption:
TBD
Operating Temperature:
(typ. ambient)
Celeron® M 1.0GHz: -20°C to +75°C
Celeron® M 1.5GHz: -20°C to +60°C
Pentium® M 1.8GHz: -20°C to +60°C
With ADL thermal solutions
With ADL thermal solutions
With ADL thermal solutions
Extended Temperature -40°C to +85°C
Available
Provided CPU die is kept below 100°C at
all times and the installation has sufficient
thermal path to dissipate
Dimensions:
147 mm x 20 mm x 102 mm
3.5 inch form factor
Weight: (gr)
TBD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com