Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB200 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSB200
Description  3.5-inch Intel Atom 1.1GHz - 1.6GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSB200 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSB200 Datasheet HTML 1Page - ADL Embedded Solutions MSB200 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5-inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications
FEATURE
MSB200-16G-xxGB
MSB200-11G-xxGB
Part no. (incl. 0.5GB RAM)
802270
802273
Part no. (incl. 1.0GB RAM)
802271
802274
Part no. (incl. 2.0GB RAM) (not from stock)
802272
802275
CPU
Atom Z530
Atom Z510
ISA-BUS
-
-
PCI-BUS
yes (option)
yes (option)
PCI Express-BUS
-
-
2nd Level cache (kB)
512
512
Performance (GHz)
1.6GHz
1.1GHz
DRAM soldered
0.5 - 2GB
0.5 - 2GB
CompactFlash socket
yes, type II
yes, type II
Keyboard mouse (PS/2)
-
-
Boot drive
HD, CF, USB, LAN
HD, CF, USB, LAN
Floppy interface
-
-
IDE interface P-ATA
CF
CF
IDE interface S-ATA
2x
2x
COM1
RS232C
RS232C
COM2
RS232C
RS232C
COM3
-
-
COM4
-
-
LPT1
yes
yes
USB (2.0)
6x 1x client
6x 1x client
LAN Port 1 incl. onboard transformer
10/100BASE-T
10/100BASE-T
LAN Port 2 incl. onboard transformer
1GB-LAN
1GB-LAN
Audio
Stereo In/Out
Stereo In/Out
Video controller
internal
internal
Video Memory
Shared GMA 500
Shared GMA 500
LCD interface (option 802276)
yes
yes
DVI interface
yes
yes
CRT interface
-
-
Video input
-
-
Watchdog
yes
yes
Power normal (typ.)
8V-30V/12W
8V-30V/10W
Power suspend
0.1W
0.1W
Power management
yes
yes
RTC battery onboard (typ. 5 years)
235mAh
235mAh
Cooling type
passive
passive
Operating temperature
-25°C to +70°C*
-25°C to +70°C
Extended operating temperature (E48)
-40°C to +85°C*
-40°C to +85°C
Size (W x L x H in mm)
146 x 102 x 22
146 x 102 x 22
Weight
150 g
150 g
MTBF
>200'000h
>200'000h
Special features 1
PCIe MiniCard socket
PCIe MiniCard socket
Special features 2
-
-
Special features 3
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com