Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMGE104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMGE104EX
Description  16GB LAN with 2 USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMGE104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMGE104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMGE104EX - 16GB LAN with 2 USB
Features
•
1GB-LAN
•
PCI Express-Bus
•
2x USB
•
PCI-104 Pass Through Connector
Item Code
Part #
Description
MSMGE104EX
801730
With PC/104+ connector, 1GB LAN
(i82573L) & 2 USB (2.0)
Technical Specifications
Description
FEATURE
MSMGE104EX
Part no. (PCIe + PCI)
801730
Function
1GB-LAN
ISA-BUS
-
PCI-BUS
pass-through PCI-104
PCI Express-BUS
yes 1x Lane
BUS compatibility
PCI/104-Express
Controller
82573L Intel®
Memory
-
1st interface
1GB LAN
2nd interface
2x USB
3rd interface
-
Power normal (typ.)
5V 3.3V
Power management
-
Operating temperature
-25°C to +70°C
Extended operating temperature
-
Size (W x L x H in mm)
90 x 96 x 17
Weight
60 g
Software support
WINXP Linux VxWorks QNX
MTBF
100'000h
Special features 1
-
Special features 2
-
Special features 3
-
Accessories
Ordering Guide
The MICROSPACE® PCI/104-Express expansion card
MSMGE104EX has a PCI Express 1GB LAN controller
(82573L Intel®). The product permits connection to the 1GB/s
Ethernet by means of the full utilization of thePCI Express
bus bandwidth (2.5GB/s).


Similar Part No. - MSMGE104EX

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMG104EX ADL-MSMG104EX Datasheet
203Kb / 1P
Up to 16 Inputs with Right Angle Connectors
MSMG104EX-A ADL-MSMG104EX-A Datasheet
200Kb / 1P
Up to 16 Inputs with Vertical Connectors
MSMG104EX-CABLE ADL-MSMG104EX-CABLE Datasheet
200Kb / 1P
Up to 16 Inputs with Vertical Connectors
MSMGS104EX ADL-MSMGS104EX Datasheet
198Kb / 1P
Adaptor Board for HC25-GSM/UMTS Card
More results

Similar Description - MSMGE104EX

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9377 ADVANTECH-PCM-9377 Datasheet
1Mb / 3P
3.5" SBC with VIA Mark, VGA/ LCD/ LVDS/ LAN/ USB
PCM-9382 ADVANTECH-PCM-9382 Datasheet
1Mb / 3P
3.5" Biscuit with Intel Core??2 Duo/VGA, LVDS, LAN, USB, SATA, SSD
SIMB-A31 ADVANTECH-SIMB-A31_15 Datasheet
945Kb / 2P
Intel짰 Core??i7/i5/i3 LGA1150 ATX with VGA/DVI, 6 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
logo
Level One
FPS-1033 LVL1-FPS-1033 Datasheet
188Kb / 2P
Print Server with 2 USB
logo
Axiomtek Co., Ltd.
GOT5100T-834 AXIOMTEK-GOT5100T-834_16 Datasheet
491Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 2 COM ports
GOT5152T-834 AXIOMTEK-GOT5152T-834_16 Datasheet
693Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 3 COM ports
logo
Vecow Co., Ltd.
ECS-9160P VECOW-ECS-9160P Datasheet
390Kb / 2P
ECS-9100, 2 GigE LAN, 4 GigE LAN Switch w/LAN Bypass, 2 SSD Tray, 8 USB 3.0, 4 COM, 3 SIM, 16 GPIO
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
logo
Toshiba Semiconductor
THGAMRG7T13BAIL TOSHIBA-THGAMRG7T13BAIL Datasheet
1Mb / 32P
16GB THGAMRG7T13BAIL
February 14th, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com