Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMGS104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMGS104EX
Description  Adaptor Board for HC25-GSM/UMTS Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMGS104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMGS104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMGS104EX - Adaptor Board for HC25-GSM/UMTS Card
Features
•
Adapter for GSM module
•
GSM/UMTS HC25 (order separately)
•
PCI-104 Pass Through Connector
Item Code
Part #
Description
MSMGS104EX
801754
With PC/104+ conn., converter bd.
to mount Cinterion HC25 (GS)
Technical Specifications
Description
FEATURE
MSMGS104EX
Part no. (PCIe + PCI) (without
801754
Function
GSM-UMTS
ISA-BUS
-
PCI-BUS
pass-through PCI-104
PCI Express-BUS
yes, 1x lane
BUS Compatibility
PCI/104-Express
Controller
HC-25
PCIe-Switch
1st interface (standard)
GSM module (811781)
2nd interface (alternative)
SIM card
3rd interface
Headset
Power normal
5V, 3.3V/5W
Power management
yes
Operating temperature
-25°C to +70°C
Extended operating temperature -40°C to +70°C
Size (W x L x H in mm)
90 x 96 x 17
Weight
65 g
Software support
WINXP, Linux
MTBF
100‘000h
Bandwidth (max.) HSDPA
3.6 Mb/s
Special features 2 GSM-Edge
Quadband
Special features 3 UMTS
850/1900/2100MHz
Accessories
GSM/UMTS (801781)
Ordering Guide
The MSMGS104EX MICROSPACE® PCI/104-Express ex-
pansion card has a slot for Siemens HC25-GSM/UMTS com-
munication modules as well as a SIM card bracket. The Sie-
mens GSM/UMTS module has its own part number and must
be ordered separately.


Similar Part No. - MSMGS104EX

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMG104EX ADL-MSMG104EX Datasheet
203Kb / 1P
Up to 16 Inputs with Right Angle Connectors
MSMG104EX-A ADL-MSMG104EX-A Datasheet
200Kb / 1P
Up to 16 Inputs with Vertical Connectors
MSMG104EX-CABLE ADL-MSMG104EX-CABLE Datasheet
200Kb / 1P
Up to 16 Inputs with Vertical Connectors
MSMGE104EX ADL-MSMGE104EX Datasheet
201Kb / 1P
16GB LAN with 2 USB
More results

Similar Description - MSMGS104EX

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
SP4T Antenna Switch for GSM/UMTS
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
SP8T Antenna Switch for GSM/UMTS
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3540XR SONY-CXM3540XR Datasheet
177Kb / 7P
High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
API Technologies Corp
CMD202 APITECH-CMD202 Datasheet
115Kb / 1P
GSM / UMTS Transmit Diplexer
logo
PHOENIX CONTACT
2313371 PHOENIX-2313371 Datasheet
65Kb / 3P
Antenna - PSI-GSM/UMTS-QB-ANT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com