Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMSA104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMSA104EX
Description  PCI/104-Express SATA 300 Adapter Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMSA104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMSA104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMSA104EX - PCI/104-Express SATA 300 Adapter Board
Features
•
2x SATA 300M Byte/s
•
PCI/104-Express
•
2x USB2
•
PCI-104 Pass Through Connector
Item Code
Part #
Description
MSMSA104EX 801748 With PC/104+ connector, 2xSATA 300 (RAID 0/1) & 2
USB 2.0
Technical Specifications
Description
FEATURE
MSMSA104EX
Part no. (PCIe + PCI)
801748
Function
2x SATA 300
ISA-BUS
-
PCI-BUS
-
PCI Express-BUS
yes
BUS compatibility
PCI/104-Express, 1x lane
Controller
SIL 3132
Bandwidth
2x 300MByte/s
1st interface
2x SATA
2nd interface
2x USB
3rd interface
-
Power normal (typ.)
5V, 3.3V/2W
Power management
-
Operating temperature
-25°C to +70°C
Extended operating temperature -
Size (W x L x H in mm)
90 x 96 x 17
Weight
65 g
Software support
XP, VISTA, Linux
MTBF
200‘000h
Special features 1
RAID 0/1
Special features 2
-
Special features 3
-
Accessories
Ordering Guide
This MICROSPACE® PCI/104-Express expansion card has 2
SATA300 interfaces for connecting to any SATA storage me-
dia (AD/DVD). Further, 2 USB connectors are available.


Similar Part No. - MSMSA104EX

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMSI22 SCHURTER-MSMSI22 Datasheet
378Kb / 3P
Metal switch medium stroke, snap-in, Switching Voltage up to 250V
MSMSI22 SCHURTER-MSMSI22 Datasheet
378Kb / 3P
Metal switch medium stroke, snap-in, Switching Voltage up to 250V
05.01.2022
MSMSI22 SCHURTER-MSMSI22_V01 Datasheet
378Kb / 3P
Metal switch medium stroke, snap-in, Switching Voltage up to 250V
05.01.2022
logo
ADL Embedded Solutions
MSMSP104EX ADL-MSMSP104EX Datasheet
182Kb / 1P
Unit Expander
More results

Similar Description - MSMSA104EX

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM200X ADL-MSM200X Datasheet
250Kb / 2P
PCI/104-Express
logo
List of Unclassifed Man...
VL-EPMP-34S ETC2-VL-EPMP-34S Datasheet
620Kb / 2P
PCI -104 Single Board Computer
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC_16 Datasheet
643Kb / 2P
PCI/104-Express
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
Adlink Technology Inc.
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
PCI/104-Express Type 1 Single Board Computer
logo
Contec Co., Ltd
ECH-PCI-CE-H4D CONTEC-ECH-PCI-CE-H4D Datasheet
223Kb / 2P
Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
TP-Link Technologies Co...
TG-3468 TP-LINK-TG-3468 Datasheet
453Kb / 2P
Gigabit PCI Express Network Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com