Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL194AX Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # TIL194AX
Description  HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TIL194AX Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  TIL194AX Datasheet HTML 1Page - ISOCOM COMPONENTS TIL194AX Datasheet HTML 2Page - ISOCOM COMPONENTS TIL194AX Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92398m-AAS/A6
14/5/03
50
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
100
0
0.04
0.08
0.12
0.16
0.20
0.24
0.28
I
F = ±5mA
I
C = 1mA
Collector Current vs. Collector-emitter Voltage
Collector-emitter voltage V
CE ( V )
Current Transfer Ratio vs. Forward Current
Forward current I
F (±mA)
1
2
5
10
20
50
0
80
120
160
200
240
0
2
4
6
8
10
0
10
20
30
40
50
40
T
A = 25°C
280
320
V
CE = 5V
T
A = 25°C
I
F = ±5mA
±10
±15
±20
±30
±50
Collector-emitter voltage V
CE ( V )
T
A
= 25°C
0
5
10
15
20
25
Collector Current vs. Low
Collector-emitter Voltage
±5
±10
±20
±30
±40
±50
0
0.2
0.4
0.6
0.8
1.0
I
F = ±2mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com