Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC3916 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3916
Description  SCSI Termpower Manager
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3916 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3916 Datasheet HTML 1Page - Texas Instruments UCC3916 Datasheet HTML 2Page - Texas Instruments UCC3916 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UCC3916
SLUS206A - JANUARY 2000
FEATURES
• Integrated Circuit Breaker Function
• Integrated 0.2 Power FET
• SCSI, SCSI-2, SCSI-3 Compliant
• 1µA ICC When Disabled
• Programmable On Time
• Accurate 1.65A Trip Current and
2.0A Max Current
• Fixed 3% Duty Cycle
• Uni-Directional Switch
• Thermal Shutdown
DESCRIPTION
The UCC3916 SCSI termpower manager provides complete power man-
agement, hot swap capability, and circuit breaker functions with minimal ex-
ternal components. For most applications, the only external component
required to operate the device, other than supply bypassing, is a timing ca-
pacitor which sets the fault time.
The current trip level is internally set at 1.65A, and the maximum current
level is also internally programmed for 2A. While the output current is below
the trip level of 1.65A, the internal power MOSFET is switched on at a nom-
inal 220m
Ω. When the output current exceeds the trip level but remains
less than the maximum current level, the MOSFET remains switched on,
but the fault timer starts charging CT. Once the fault time is reached, the cir-
cuit will shut off for a time which equates to a 3% duty cycle. Finally, when
the output current reaches the maximum current level, the MOSFET transi-
tions from a switch to a constant current source.
The UCC3916 is designed for uni-directional current flow, emulating a diode
in series with the power MOSFET.
The UCC3916 can be put in a sleep mode, drawing only 1
µA of supply cur-
rent.
Other features include thermal shutdown and low thermal resistance Small
Outline Power package.
SCSI Termpower Manager
8
OUTPUT
OUTPUT
CURRENT SENSE
H=OPEN
REVERSE VOLTAGE
COMPARATOR
50mV
CHARGE
PUMP
POWER
FET
ON TIME CONTROL
3% DUTY CYCLE
LINEAR
CURRENT
AMPLIFIER
THERMAL
SHUTDOWN
INTERNAL
BIAS
+
–
1.5V
5
SHTDWN
4
CT
OVER CURRENT
COMPARATOR
2
3
6
7
GND
GND
GND
GND
MAXIMUM
CURRENT
LEVEL
2A
4 HEATSINK PINS
CURRENT
TRIP LEVEL
1.65A
1
VIN
4V TO 6V
BLOCK DIAGRAM
UDG-99172


Similar Part No. - UCC3916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3916 TI-UCC3916 Datasheet
379Kb / 7P
SCSI Termpower Manager
UCC3916 TI2-UCC3916 Datasheet
165Kb / 8P
SCSI Termpower Manager
JANUARY 2000
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
LOW CURRENT HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161 Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
UCC39161DP TI1-UCC39161DP Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
More results

Similar Description - UCC3916

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
SCSI Terminator
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
SCSI Terminator
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
SCSI Terminator
logo
List of Unclassifed Man...
8AL050S-325F1-AN ETC2-8AL050S-325F1-AN Datasheet
128Kb / 3P
SCSI CONNECTORS
logo
Texas Instruments
UCC3916DP TI-UCC3916DP Datasheet
379Kb / 7P
SCSI Termpower Manager
logo
Assmann Electronics Inc...
AK545-2-R ASSMANN-AK545-2-R Datasheet
273Kb / 1P
CABLE SCSI 1-SCSI 2 UL2990
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
SCSI Terminator
070198
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com