Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB100 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # USB100
Description  1000A 3-Phase Power Analyzer/Datalogger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

USB100 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  USB100 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/5/08 - R1
Four clamps with simultaneous display
On single phase, 3-phase/3-wire or 3-phase/4-wire systems
1000A 3-Phase Power Analyzer/Datalogger
Ordering Information:
382090................1000A 3-Phase Power Analyzer/Datalogger (60Hz)
382091................1000A 3-Phase Power Analyzer/Datalogger (50Hz)
382099................Voltage Test Leads with Alligator Clips (4 leads)
USB100 ..............RS-232 to USB Adaptor
Features:
• Large backlighting LCD displays 10
parameters simultaneously (kW, kVAR,
kVA, PF plus the voltage and current of
the 3 phases)
• Up to four current probes can be
connected to the analyzer
• Clamp-on True RMS power
measurements with software for
Harmonics analysis
• Displays Active Power (kW), Apparent
Power (kVA), Reactive Power (kVAR)
and Power Factor
• Current measurements to 1000A and
Voltage measurements to 600V
• kWH, kVARh and kVAh
energy measurements
• Automatically logs up to 20,000 sets of
measurements and manually logs up to
99 sets
• Programmable Start/Stop
datalogging times
• PC interface with Windows
®
95/98/NT/2000/ME/XP compatible
software for single and three phase
voltage/current Waveform display
and Harmonic analysis
• Phase sequence measurements
• Auto power off with disable feature
• CAT III-1000V, UL Listed; CE approved;
1yr warranty
Applications:
• AC Power Quality Evaluation
• Harmonic Analysis
• Motor/Generator Installation
• Energy Audits
Specifications
Range
Basic Accuracy
ACV (True rms)
999.9V
±(0.5%rdg+10d)
ACA
1000A
±(2%rdg+20d)
Active Power (kW)
999.9kW
±(1.5%rdg+20d)
Apparent Power (kVA)
999.9kVA
±(1.5%rdg+20d)
Reactive Power (kVAR)
999.9kVAR
±(1.5%rdg+20d)
Power Factor
-1.000 to +1.000
±(3%rdg+30d)
Frequency
60Hz to 100Hz
±(0.5%rdg+1d)
Phase
+90.0°~ 11°~ -90.0°
±(3°+30d)
Active Power Energy (kWh)
0.0kWh to 119.3MWh
±(1.5%rdg+20d)
Apparent Power Energy (kVAh)
0.0kVAh to 119.3MVAh
±(1.5%rdg+20d)
Reactive Power Energy (kVARh)
0.0kVARh to 119.3MVARh
±(1.5%rdg+20d)
Harmonics
1 to 31 (with the software)
±(1.5%rdg+20d)
Datalogging
20,000 reading
Dimensions
9.25 x 4.5 x 2.1" (235 x 116 x 54mm)
Weight
Meter: 25.8oz (730g); Clamp: 11.8oz (333g)
Software included for
Harmonics Analysis
Software included to download,
store data, and display on a PC
Complete with 4 current clamps, 4 voltage leads
with alligator clips, 8 AA batteries, AC adaptor,
software, PC interface cable, and case


Similar Part No. - USB100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Extech Instruments Corp...
USB100 EXTECH-USB100 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
USB100 EXTECH-USB100 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
USB100 EXTECH-USB100 Datasheet
194Kb / 1P
Battery Capacity Tester
More results

Similar Description - USB100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382068 EXTECH-382068 Datasheet
251Kb / 1P
1000A AC/DC Clamp-on Power Datalogger Kit
382075 EXTECH-382075 Datasheet
258Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
382095 EXTECH-382095 Datasheet
335Kb / 1P
1000A 3-Phase Power & Harmonics Analyzer
382100 EXTECH-382100 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
PQ3470 EXTECH-PQ3470 Datasheet
468Kb / 1P
3-Phase Graphical Power and Harmonics Analyzer
382090 EXTECH-382090_15 Datasheet
312Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
382091 EXTECH-382091_15 Datasheet
312Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
382100 EXTECH-382100_15 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
PQ3450 EXTECH-PQ3450 Datasheet
478Kb / 1P
3-Phase Power Analyzer/Datalogger
PQ3470 EXTECH-PQ3470_15 Datasheet
468Kb / 1P
3-Phase Graphical Power and Harmonics Analyzer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com