Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5614 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5614
Description  9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5614 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5614 Datasheet HTML 1Page - Texas Instruments UCC5614 Datasheet HTML 2Page - Texas Instruments UCC5614 Datasheet HTML 3Page - Texas Instruments UCC5614 Datasheet HTML 4Page - Texas Instruments UCC5614 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The UCC5614 provides 9 lines of active termination for a SCSI (Small
Computer Systems Interface) parallel bus. The SCSI standard recom-
mends active termination at both ends of the cable.
The UCC5614 is ideal for high performance 3.3V SCSI systems. The key
features contributing to such low operating voltage are the 0.1V drop out
regulator and the 2.7V reference. The reduced reference voltage was
necessary to accommodate the lower termination current dictated in the
SCSI-3 specification. During disconnect the supply current is typically
only 0.5
µA, which makes the IC attractive for battery powered systems.
The UCC5614 is designed with an ultra low channel capacitance of
1.8pF, which eliminates effects on signal integrity from disconnected ter-
minators at interim points on the bus.
The UCC5614 can be programmed for either a 110 ohm or 2.5k ohm ter-
mination. The 110 ohm termination is used for standard SCSI bus lengths
and the 2.5k ohm termination is typically used in short bus applications.
When driving the TTL compatible DISCNCT pin directly, the 110 ohm ter-
mination is connected when the DISCNCT pin is driven low, and discon-
nected when driven high. When the DISCNCT pin is driven through an
impedance between 80k and 150k, the 2.5k ohm termination is con-
nected when the DISCNCT pin is driven low, and disconnected when
driven high.
UCC5614
9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Circuit Design Patented
Complies with SCSI, SCSI-2 and
SCSI-3 Standards
2.7V to 7V Operation
1.8pF Channel Capacitance during
Disconnect
0.5
µA Supply Current in Disconnect
Mode
110 Ohm/2.5k Programmable
Termination
Completely Meets SCSI Hot Plugging
-400mA Sourcing Current for
Termination
+400mA Sinking Current for Active
Negation Drivers
Trimmed Termination Current to 4%
Trimmed Impedance to 7%
Current Limit and Thermal Shutdown
Protection
continued
12/94
UDG-94029-1


Similar Part No. - UCC5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614 TI1-UCC5614 Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DP TI1-UCC5614DP Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI1-UCC5614DPG4 Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614N TI1-UCC5614N Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results

Similar Description - UCC5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5604 TI-UC5604 Datasheet
244Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5613 TI-UC5613 Datasheet
244Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5610 TI-UCC5610 Datasheet
243Kb / 5P
18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com