Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5618 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5618
Description  18-Line SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5618 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5618 Datasheet HTML 1Page - Texas Instruments UCC5618 Datasheet HTML 2Page - Texas Instruments UCC5618 Datasheet HTML 3Page - Texas Instruments UCC5618 Datasheet HTML 4Page - Texas Instruments UCC5618 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UCC5618
DESCRIPTION
The UCC5618 provides 18 lines of active termination for a SCSI (Small
Computers Systems Interface) parallel bus. The SCSI standard recom-
mends and Fast-20 (Ultra) requires active termination at both ends of the
cable.
Pin for pin compatible with the UC5601 and UC5608, the UCC5618 is ideal
for high performance 5V SCSI systems, Termpwr 4.0-5.25V. During discon-
nect the supply current is only 50
µA typical, which makes the IC attractive
for lower powered systems.
The UCC5618 is designed with a low channel capacitance of 2pF, which
eliminates effects on signal integrity from disconnected terminators at in-
terim points on the bus.
The power amplifier output stage allows the UCC5618 to source full termi-
nation current and sink active negation current when all termination lines
are actively negated.
The UCC5618, as with all Unitrode terminators, is completely hot pluggable
and appears as high impedance at the terminating channels with
TRMPWR=0V or open.
Internal circuit trimming is utilized, first to trim the 110
Ω impedance, and
then most importantly, to trim the output current as close to the max
SCSI-3 spec as possible, which maximizes noise margin in fast SCSI op-
eration.
This device is offered in low thermal resistance versions of the industry
standard 28 pin wide body SOIC, TSSOP and PLCC.
18-Line SCSI Terminator
FEATURES
• Complies with SCSI, SCSI-2, SCSI-3,
SPI and FAST-20 Standards
• 2pF Channel Capacitance During
Disconnect
• 50µA Supply Current in Disconnect
Mode
• 110Ω Termination
• SCSI Hot Plugging Compliant, 10nA
Typical
• +400mA Sinking Current for Active
Negation
• –650mA Sourcing Current for
Termination
• Trimmed Impedance to 5%
• Thermal Shutdown
• Current Limit
6/98
BLOCK DIAGRAM
UDG-96005-1
Patented Circuit Design


Similar Part No. - UCC5618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5618DWP TI1-UCC5618DWP Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5618DWPG4 TI1-UCC5618DWPG4 Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5618DWPTR TI1-UCC5618DWPTR Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5618DWPTRG4 TI1-UCC5618DWPTRG4 Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5618PWP TI1-UCC5618PWP Datasheet
748Kb / 9P
18-Line SCSI Terminator
More results

Similar Description - UCC5618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5608 TI-UC5608 Datasheet
230Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
18-Line SCSI Terminator Reverse Disconnect
logo
Micro Linear Corporatio...
ML6518 MICRO-LINEAR-ML6518 Datasheet
205Kb / 8P
18 Line Hot-Insertable Active SCSI Terminator
logo
Microsemi Corporation
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
18-LINE SCSI ACTIVE TERMINATOR
REG5608 BURR-BROWN-REG5608 Datasheet
170Kb / 5P
LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UCC5618QPTR TI-UCC5618QPTR Datasheet
760Kb / 9P
18-Line SCSI Terminator
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
UCC5618DWP TI1-UCC5618DWP Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com