Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5619 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5619
Description  27-Line SCSI Terminator With Reverse Disconnect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5619 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5619 Datasheet HTML 1Page - Texas Instruments UCC5619 Datasheet HTML 2Page - Texas Instruments UCC5619 Datasheet HTML 3Page - Texas Instruments UCC5619 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
UCC5619 provides 27 lines of active termination for a SCSI (Small Com-
puter Systems Interface) parallel bus. The SCSI standard recommends ac-
tive termination at both ends of the cable.
The UCC5619 is ideal for high performance 5V SCSI systems. During dis-
connect the supply current is typically only 100
µA, which makes the IC at-
tractive for lower powered systems.
The UCC5619 is designed with a low channel capacitance of 2.5pF, which
eliminates effects on signal integrity from disconnected terminators at in-
terim points on the bus.
The power amplifier output stage allows the UCC5619 to source full termi-
nation current and sink active negation current when all termination lines
are actively negated.
The UCC5619, as with all Unitrode terminators, is completely hot pluggable
and appears as high impedance at the teminating channels with VTRMPWR
= 0V or open.
Internal circuit trimming is utilized, first to trim the 110
Ω impedance, and
then most importantly, to trim the output current as close to the maximum
SCSI-3 specification as possible, which maximizes noise margin in fast
SCSI operation.
Other features include thermal shutdown and current limit. This device is
offered in low thermal resistance versions of the industry standard 36 pin
wide body QSSOP (MWP) and 48 pin LQFP (FQP).
Consult SSOP-36 (MWP QSSOP-36) and FQP-48 Packaging Diagram for
exact dimensions.
UCC5619
27-Line SCSI Terminator With Reverse Disconnect
BLOCK DIAGRAM
FEATURES
• Complies with SCSI, SCSI-2, SCSI-3,
SPI and FAST-20 (Ultra) Standards
• 2.5pF Channel Capacitance during
Disconnect
• 100µA Supply Current in Disconnect
Mode
• 4V To 7V Operation
• 110 Termination
• Completely Meets SCSI Hot Plugging
• –900mA Sourcing Current for
Termination
• +500mA Sinking Current for Active
Negation
• Logic Command Disconnects all
Termination Lines
• Trimmed Impedance to 5%
• Current Limit and Thermal Shutdown
Protection
10/98
UDG-96108
Circuit Design Patented


Similar Part No. - UCC5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5619 TI1-UCC5619 Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWP TI1-UCC5619MWP Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWPG4 TI1-UCC5619MWPG4 Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWPTR TI1-UCC5619MWPTR Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWPTRG4 TI1-UCC5619MWPTRG4 Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
More results

Similar Description - UCC5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
18-Line SCSI Terminator Reverse Disconnect
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
27-Line SCSI Terminator
UCC5621 TI-UCC5621 Datasheet
287Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5622 TI-UCC5622 Datasheet
287Kb / 5P
27 - Line SCSI Terminator With Split Disconnect
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5619 TI1-UCC5619_09 Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
UCC5620 TI1-UCC5620_09 Datasheet
392Kb / 9P
27-Line SCSI Terminator
UCC5622 TI1-UCC5622_15 Datasheet
219Kb / 8P
27 - Line SCSI Terminator With Split Disconnect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com