Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

407495 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 407495
Description  Heavy Duty Pressure Meter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407495 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  407495 Datasheet HTML 1Page - Extech Instruments Corporation. 407495 Datasheet HTML 2Page - Extech Instruments Corporation. 407495 Datasheet HTML 3Page - Extech Instruments Corporation. 407495 Datasheet HTML 4Page - Extech Instruments Corporation. 407495 Datasheet HTML 5Page - Extech Instruments Corporation. 407495 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
407495 V2.1 11/2007
3
Preparation for Use
Measurement Procedure Overview
The following list provides an overview of pressure measurement steps. Each step is
discussed in subsequent paragraphs. Note that the first 4 steps should only be performed
the first time the meter is used and each time the transducer is changed.
1. Select a Transducer model that covers the desired range
2. Plug the Transducer into the meter's input jack
3. Program the Transducer range
4. Select the measurement units
5. Zero the meter
6. Connect the Transducer to the process under test
7. Apply pressure to the process under test
8. Read pressure reading on the meter's LCD
Selecting Transducer Range
1. With the meter turned OFF, simultaneously press and hold the HOLD, SENSOR, &
RECORD buttons down.
2. While holding the three buttons down, press the POWER key momentarily. Release
the 3 buttons when the LCD display switches on.
3. A number will appear on the LCD that represents the Transducer type. Select the
Transducer type by pressing the SENSOR TYPE key until the desired transducer
number appears. Select the transducer from the list below in step 5.
4. Press the ZERO button to store the new transducer type. The meter will memorize the
new type even when the meter is turned OFF.
5. Select the transducer from the following list:
•
Select 2 for the 30 psi (2 bars) transducer
•
Select 10 for the 150 psi (10 bars) transducer
•
Select 20 for the 300 psi (20 bars) transducer
NOTE: The meter does not need to be recalibrated each time the transducer is changed.
Connecting the Transducer to the Meter
1. Press the POWER button to turn the meter OFF.
2. Remove the existing transducer, if necessary, by unplugging it from the meter’s input
jack (top of meter).
3. Plug the new transducer into the meter’s input jack.
Selecting the Unit of Measure
Press the UNIT key to select the desired unit of measure: Bar, psi, Kg/cm
2, mmHg, inHg,
mH2O, inch H2O, or Atmospheres (ATP).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com