Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

780418 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 780418
Description  Heavy Duty Dissolved Oxygen Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

780418 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  780418 Datasheet HTML 1Page - Extech Instruments Corporation. 780418 Datasheet HTML 2Page - Extech Instruments Corporation. 780418 Datasheet HTML 3Page - Extech Instruments Corporation. 780418 Datasheet HTML 4Page - Extech Instruments Corporation. 780418 Datasheet HTML 5Page - Extech Instruments Corporation. 780418 Datasheet HTML 6Page - Extech Instruments Corporation. 780418 Datasheet HTML 7Page - Extech Instruments Corporation. 780418 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
407510
V7.0 10/06
2
Introduction
Congratulations on your purchase of Extech's Heavy Duty Dissolved Oxygen / Temperature
Meter which simultaneously displays Dissolved Oxygen or Oxygen in air, and Temperature.
Units of measure are mg/l for Dissolved Oxygen, % for Oxygen in air, and
oC/oF for
temperature. Oxygen is measured with a remote sensor that also contains a thermistor for
measuring temperature. Advanced features include RS 232 PC serial interface, data hold, auto
shut off, and Min/Max/Avg recording.
Meter Description
1.
LCD Display
2.
POWER ON/OFF key
3.
Data HOLD key
4.
°C/°F selection key
5.
LCD Contrast Adjust
6.
RECORD key
7.
RECALL key
8.
Factor adjust key
9.
Probe head
10. Sensor body
11. Sensor plug
12. Sensor jack
13. RS-232 output jack
14. Battery cover (rear)
15. Altitude compensation key
16. O2 Cal key
17. Zero key
18. O2 calibration key
19. % Salt key



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com