Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5622 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5622
Description  27 - Line SCSI Terminator With Split Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5622 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5622 Datasheet HTML 1Page - Texas Instruments UCC5622 Datasheet HTML 2Page - Texas Instruments UCC5622 Datasheet HTML 3Page - Texas Instruments UCC5622 Datasheet HTML 4Page - Texas Instruments UCC5622 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC5622
Other features include thermal shutdown and current limit.
This device is offered in low thermal resistance versions
of the industry standard 44 pin wide body QSOP (MWP)
and 48 pin LQFP (FQP). Consult QSOP-44 and LQFP-48
Packaging Diagram for exact dimensions.
DESCRIPTION (cont.)
CONNECTION DIAGRAM
SSOP-44 (Top View)
MWP Package
LQFP-48 (Top View)
MWP Package
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage ................................+7V
Signal Line Voltage ..........................0Vto+7V
Regulator Output Current .......................... 1.5A
Storage Temperature ...................
-65°C to +150°C
Junction Temperature ...................
-55°C to +150°C
Lead Temperature (Soldering, 10 Sec.)............. +300°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT1 = DSCNCT2 = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TRMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
630
650
mA
Power Down Mode
DISCNCT1 = DSCNCT2 = TRMPWR
100
200
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com