Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5629 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5629
Description  Multimode SCSI 14 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5629 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5629 Datasheet HTML 1Page - Texas Instruments UCC5629 Datasheet HTML 2Page - Texas Instruments UCC5629 Datasheet HTML 3Page - Texas Instruments UCC5629 Datasheet HTML 4Page - Texas Instruments UCC5629 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UCC5629
DESCRIPTION
The UCC5629 Multimode SCSI Terminator provides a smooth transition
into the next generation of the SCSI Parallel Interface (SPI-2). It automati-
cally senses the bus, via DIFFB, and switches the termination to either sin-
gle ended (SE) or low voltage differential (LVD) SCSI, dependent on which
type of devices are connected to the bus. The UCC5629 can not be used
on a HVD, EIA485, differential SCSI bus. If the UCC5629 detects a HVD
SCSI device, it switches to a high impedance state.
The Multimode terminator contains all functions required to terminate and
auto detect and switch modes for SPI-2 bus architectures. Single Ended
and Differential impedances and currents are trimmed for maximum effec-
tiveness. Fail Safe biasing is provided to insure signal integrity. Device/Bus
type detection circuitry is integrated into the terminator to provide automatic
switching of termination between single ended and LVD SCSI and a high
impedance for HVD SCSI. The multimode function provides all the perform-
ance analog functions necessary to implement SPI-2 termination in a sin-
gle monolithic device.
The UCC5629 is offered in a 48 pin LQFP package for a temperature range
of 0°C to 70°C.
Multimode SCSI 14 Line Terminator
FEATURES
• Auto Selection Single Ended (SE) or
Low Voltage Differential (LVD)
Termination
• Meets SCSI-1, SCSI-2, SCSI-3, SPI,
Ultra (Fast-20), Ultra2 (SPI-2 LVD)
and Ultra3 Standards
• 2.7V to 5.25V Operation
• Differential Failsafe Bias
• Thermal packaging for low junction
temperature and better MTBF.
• Reversed Polarity Disconnect
SLUS444 - NOVEMBER 1999
REF
1.25V
36
DISCNCT
REG
L1+
L14–
L14+
SOURCE/SINK REGULATOR
REF
1.3V
4.7
µF .
35
DIFFSEN
–15mA
≤ I
SOURCE ≤ –5mA
50
µA ≤ I
SINK ≤ 200µA
HPD
SE
34
DIFFB
0.6V
2.15V
52.5
2
52.5
1
110
10
REF
2.7V
SE GND SWITCH
3
TRMPWR
25
GND
4-9
HS/GND
28-33
HS/GND
L1–
124
52.5
12
52.5
11
110
124
10
µA
1.3V
(NOISE LOAD)
MODE
SE
LVD
DISCNCT
ALL SWITCHES
UP
DOWN
OPEN
SE GND SWITCH
56mV
–+
+–
–+
56mV
56mV
56mV
+–
27
26
LVD
BLOCK DIAGRAM
UDG-99156


Similar Part No. - UCC5629

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5629 TI1-UCC5629 Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5629FQP TI1-UCC5629FQP Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5629FQPG4 TI1-UCC5629FQPG4 Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5629FQPTR TI1-UCC5629FQPTR Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5629FQPTRG4 TI1-UCC5629FQPTRG4 Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
More results

Similar Description - UCC5629

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
Multimode SCSI 14 Line Terminator
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
Multimode SCSI 9 Line Terminator
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
Multimode SCSI 9 Line Terminator
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
Multimode SCSI 15 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
MULTIMODE SCSI 14 LINE TERMINATOR
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
Multimode SCSI 9 Line Terminator
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
Multimode SCSI 9 Line Terminator
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
Multimode SCSI 15 Line Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com