Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5630 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5630
Description  Low Voltage Differential LVD/SE SCSI 9 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5630 Datasheet HTML 1Page - Texas Instruments UCC5630 Datasheet HTML 2Page - Texas Instruments UCC5630 Datasheet HTML 3Page - Texas Instruments UCC5630 Datasheet HTML 4Page - Texas Instruments UCC5630 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UCC5630
01/99
FEATURES
• Auto Selection Multi-Mode Single
Ended or Low Voltage Differential
Termination
• 2.7V to 5.25V Operation
• Differential Failsafe Bias
• Thermal Packaging for Low Junction
Temperature and Better MTBF
• Master/Slave Inputs
• Supports Active Negation
• Standby (Disable Mode) 5µA
• 3pF Channel Capacitance
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
8
HS/GND
1
REG
DIFFSENS
5
L1–
4
L1+
32
L9–
31
L9+
125
+50mV TO +62.5mV
SWITCHES UP ARE SINGLE
ENDED SWITCHES DOWN ARE
LOW VOLTAGE DIFFERENTIAL
0.7 > 0.6V
2.2 > 1.9V
SE GND
SWITCH
52
110
52
125 +50mV TO +62.5mV
52
110
52
21
DIFFB
REF 2.7V
REF 1.25V
9
10
26
27
28
18
HS/GND
HS/GND
HS/GND
HS/GND
HS/GND
GND
19
MSTR/SLV
36
TRMPWR
+V
DD
REEF 1.3V
1.3V ± –0.1V
20
SOURCE 5 < 15mA
SINK 200
µAMAXIMUM(NOISELOAD)
34
LVD
33
SE
35
HIPD
0.1
µF
20k
LOW
FREQUENCY
FILTER
50Hz – 60Hz
SOURCE ONLY FROM TRMPWR AND THE ENABLED TERMINATORS
OPEN CIRCUIT ON POWER OFF
OR
OPEN CIRCUIT IN A DISABLED
TERMINATOR MODE
SOURCE/SINK
REGULATOR
HIGH IMPEDANCE
RECEIVER EVEN
WITH POWER OFF
17
DISCNCT
4.7
µF
MWP 36 PINOUT
BLOCK DIAGRAM
UDG-98049
DESCRIPTION
The UCC5630 Multi-Mode Low Voltage Differential and Single Ended Ter-
minator is both a single ended terminator and a low voltage differential ter-
minator for the transition to the next generation SCSI Parallel Interface
(SPI-2). The low voltage differential is a requirement for the higher speeds
at a reasonable cost and is the only way to have adequate skew budgets.
The transceivers can be incorporated into the controller, unlike SCSI high
power differential (EIA485) which requires external transceivers. Low Volt-
age differential is specified for Fast-40 and Fast-80, but has the potential of
speeds up to Fast-320. The UCC5630 is SPI-2, SPI and Fast-20 compliant.
Consult SSOP-36 and LQFP-48 Package Diagram for exact dimensions.
The UCC5630 can not be used with SCSI high voltage differential (HVD)
EIA485. It will shut down when it sees high power differential to protect the
bus. The pinning for high power differential is not the same as LVD or sin-
gle ended and the bias voltage, current and power are also different for
EIA485 differential.
Circuit Design Patented


Similar Part No. - UCC5630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630 TI1-UCC5630 Datasheet
65Kb / 5P
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A Datasheet
378Kb / 12P
Multimode SCSI 9 Line Terminator
UCC5630AFQP TI-UCC5630AFQP Datasheet
146Kb / 8P
Multimode SCSI 9 Line Terminator
UCC5630AFQP TI1-UCC5630AFQP Datasheet
378Kb / 12P
Multimode SCSI 9 Line Terminator
More results

Similar Description - UCC5630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
Multimode LVD/SE SCSI 9 Line Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
Multimode (LVD/SE) SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com