Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5631A Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5631A
Description  Multimode SCSI 9 Line Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5631A Datasheet(HTML) 2 Page - Texas Instruments

  UCC5631A Datasheet HTML 1Page - Texas Instruments UCC5631A Datasheet HTML 2Page - Texas Instruments UCC5631A Datasheet HTML 3Page - Texas Instruments UCC5631A Datasheet HTML 4Page - Texas Instruments UCC5631A Datasheet HTML 5Page - Texas Instruments UCC5631A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
UCC5631A
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . 0V to TRMPWR
Package Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . 2W
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10sec.) . . . . . . . . . . . . . +300°C
All voltages are with respect to pin 18. Currents are positive
into, negative out of the specified terminal. Consult Packaging
Section of the Databook for thermal limitations and consider-
ations of packages.
RECOMMENDED OPERATING CONDITIONS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.25V
L3+
HS/GND
L9–
L9+
L8–
TRMPWR
N/C
N/C
HS/GND
L2–
HS/GND
L1+
L1–
L2+
REG
HS/GND
L3–
L8+
HS/GND
HS/GND
L4+
L4–
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
31
32
33
34
35
36
18
17
16
15
DIFF B
MSTR/SLV
DIFSENS
19
20
21
22
L5+
L5–
DISCNCT
GND
L7–
L7+
L6–
L6+
HIPD
LVD
SE
CONNECTION DIAGRAM
48
47
46
45
1
44
43
42
41
40
39
38
37
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
NC
L3+
L3–
L4+
L4–
HS/GND
GND
DISCNCT
L5+
HS/GND
HS/GND
L1+
L1–
L2+
L2–
NC
HS/GND
REG
NC
NC
TERMPWR
NC
LVD
HIPD
L8+
L8–
L9+
L9–
HS/GND
N/C
DIFFB
DIFSENS
L6+
HS/GND
L7+
L6–
L7–
HS/GND
HS/GND
HS/GND
L5–
HS/GND
HS/GND
SE
HS/GND
HS/GND
HS/GND
MSTR/SLV
LQFP-48 (Top View)
FQP Package
QSOP-36 (Top View)
MWP Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com