Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB100 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # USB100
Description  Battery Capacity Tester
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

USB100 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  USB100 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
02/09/09 - R1
AC milliohmmeter checks Battery Condition in seconds
While the battery is in service
Battery Capacity Tester
Ordering Information:
BT100 ..........Battery Capacity Tester
BT102 ..........120V AC Adaptor
BT100-AL ....Replacement Alligator Clips for BT100
BT100-TL ....Replacement Test Leads for BT100
757057 ........Thermal Paper for PR20 (6pk)
USB100 ........RS-232 to USB Adaptor
Features:
• On-line testing without disconnecting battery
• Built-in datalogger stores up to 999 tests
• Simultaneously measures DC Voltage
and AC Milliohms
• Auto power off
• Includes Windows
® 95/98/NT/2000/ME/XP
compatible software for downloading
readings to a PC
Specifications
Range
Resolution
Basic Accuracy
Resistance
40m
Ω, 400mΩ,
10μ
Ω, 100μΩ,
±(1% reading ± 8d)
4
Ω, 40Ω
1m
Ω, 10mΩ
Voltage
4V, 40V
1mV, 10mV
±(0.1% reading ±6d)
Max Input Voltage
50VDC
Power
6 AAA batteries
Battery life
7 hours
Dimensions
9.75 x 4 x 1.75" (250 x 100 x 45 mm)
Weight
17.5oz (500g)
Includes software with cable, Kelvin alligator clips,
Kelvin test leads, 6 AAA batteries


Similar Part No. - USB100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Extech Instruments Corp...
USB100 EXTECH-USB100 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
USB100 EXTECH-USB100 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
USB100 EXTECH-USB100 Datasheet
296Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
More results

Similar Description - USB100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CR14250SE SANYO-CR14250SE Datasheet
10Kb / 1P
High Capacity Cylindrical Laser Sealed Primary Lithium Battery
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Extech Instruments Corp...
BT100 EXTECH-BT100_15 Datasheet
135Kb / 1P
Battery Capacity Tester
logo
List of Unclassifed Man...
600B ETC2-600B Datasheet
2Mb / 2P
Measure remaining battery storage capacity in just seconds
BT-168 ETC1-BT-168 Datasheet
236Kb / 2P
Universal Button Cell Battery Volt Tester Checker
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Seiko Instruments Inc
ML414H SII-ML414H Datasheet
351Kb / 1P
High capacity, Pb-free reflowable Rechargeable battery
logo
SANYO DENKI CO., LTD.
9AT2560A-0001CS SANYODENKI-9AT2560A-0001CS Datasheet
1Mb / 4P
Airflow Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com