Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM100 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # DM100
Description  Pocket Multimeter 4000 Count Autoranging DMM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DM100 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  DM100 Datasheet HTML 1Page - Extech Instruments Corporation. DM100 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
6
7
8
User’s Guide
Pocket Multimeter
4000 Count Autoranging DMM
Model: DM100
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument
to be free of defects in parts and workmanship for one year from date
of shipment (a six month limited warranty applies on sensors and
cables). If it should become necessary to return the instrument for
service during or beyond the warranty period, contact the Customer
Service Department at (781) 890-7440 ext. 210 for authorization or
visit our website at www.extech.com for contact information. A Return
Authorization (RA) number must be issued before any product is
returned to Extech. The sender is responsible for shipping charges,
freight, insurance and proper packaging to prevent damage in transit.
This warranty does not apply to defects resulting from action of the
user such as misuse, improper wiring, operation outside of
specification, improper maintenance or repair, or unauthorized
modification. Extech specifically disclaims any implied warranties or
merchantability or fitness for a specific purpose and will not be liable
for any direct, indirect, incidental or consequential damages. Extech's
total liability is limited to repair or replacement of the product. The
warranty set forth above is inclusive and no other warranty, whether
written or oral, is expressed or implied.
Copyright © 2004 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.
DM100 V1.1 4/04
Safety
International Safety Symbols
This symbol, adjacent to another symbol or
terminal, indicates the user must refer to the manual
for further information.
This symbol, adjacent to a terminal, indicates that,
under normal use, hazardous voltages may be
present.
Double insulation
Safety Precautions
1.
Improper use of this meter can cause damage, shock, injury or
death. Read and understand this users manual before
operating the meter.
2.
Make sure any covers or battery doors are properly closed and
secured.
3.
Always disconnect the test leads from any voltage source
before replacing the battery or fuses.
4.
Do not exceed the maximum rated input limits.
5.
Use great care when making measurements if the voltages are
greater than 25VAC rms or 35VDC. These voltages are
considered a shock hazard.
6.
Always discharge capacitors and remove power from the
device under test before performing Capacitance, Diode,
Resistance or Continuity tests.
7.
Remove the battery from the meter if the meter is to be stored
for long periods.
Description
Meter Description
1.
3 3/4 Digit (4000 count)
2.
RELATIVE button
3.
SELECT button
4.
DATA HOLD button
5.
Hz/DUTY button
6.
Function switch
7.
Plastic case
8.
Test leads
Specifications
Electrical Specifications
Function
Range
Accuracy
DC Voltage
4.000V, 40.00V,
400.0V,500V
±(1.3% rdg + 3d)
4.000V, 40.00V
±(1.0% rdg + 10d)
AC Voltage
40-400Hz
400.0V, 500V
±(2.3% rdg + 5d)
400.0
Ω, 4.000kΩ,
40.00k
Ω, 400.0kΩ
±(2.0% rdg + 5d)
4.000M
Ω
±(5.0% rdg + 5d)
Resistance
40.00M
Ω
±(10.0% rdg + 5d)
40.00nF
±(5.0% rdg + 30d)
400.0nF
±(3.0% rdg + 15d)
Capacitance
4.000µF, 40.00µF,
100.0µF
±(10.0% rdg + 15d)
Frequency
5.000Hz, 50.00Hz,
500.0Hz, 5.000kHz,
50.00kHz, 500.0kHz,
10MHz
±(2.0% rdg + 5d)
Duty Cycle
0.1-99%
Max input voltage
500V AC/DC
Input Sensitivity,
10Vrms min. <9.999KHz
(Frequency Ranges)
40Vrms min. >99.99KHz
Diode Test
Test current 1mA max., open circuit voltage
of 1.5V typical
Continuity Check
Audible signal if the resistance is < 60
Ω
Display
4000 count 3 ¾ digit LCD
Over range indication
LCD displays “OL”
Polarity
Minus (-) sign for negative polarity.
Low Battery Indication
“BAT” symbol indicates low battery
condition.
Battery
CR2032 3V Lithium
Operating Temperature
32
oF to 104oF (0oC to 40oC)
Storage Temperature
14
oF to 122oF (-10oC to 50oC)
Weight
1.7oz (50g)
Size
4.25x2.2x.5” (108x56x11.5mm)
Standard
IEC1010 CAT II 500V Pollution degree II,
CE Approved


Similar Part No. - DM100

ManufacturerPart #DatasheetDescription
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM100E MPD-DM100E_14 Datasheet
245Kb / 2P
DM100E SERIES
More results

Similar Description - DM100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
33/4 Digit, Autoranging Multimeter
August 1997
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
6000 COUNT AUTO DMM
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
Pocket Multimeter 4000 Count Autoranging DMM
DM220 EXTECH-DM220 Datasheet
326Kb / 15P
Pocket Autoranging DMM
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
Autoranging Mini Multimeter
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
logo
Cyrustek corporation
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986_11 Datasheet
616Kb / 23P
6000 Count AUTO DMM
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
Handheld Digital Multimeter (DMM)
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
4000 Counts DMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com