| Electronic Components Datasheet Search |
|
EA15 Datasheet(PDF) 5 Page - Extech Instruments Corporation. |
|
|
|||||||||||||||||||||||||||||
EA15 Datasheet(HTML) 5 Page - Extech Instruments Corporation. |
|
5 / 8 page ![]() Model EA15 Version 1.5 9/03 5 Automatic Datalogging Automatic datalogging allows the user to store up to 8,800 temperature readings in memory for later downloading and viewing using the supplied software. The storage interval rate is programmable from 3 to 255 seconds. 1. Press and HOLD the SET button for two seconds to enter the interval programming screen. The ‘MEM’ and ‘INTERVAL’ icons and interval time will appear on the display. Use the ▲ and ▲ buttons to scroll through the available intervals (3 to 255 seconds). Press the ‘ ↵’ button to select the desired logging interval 2. Make note of the start time (time of day) for your datalogging session as you will be prompted for this information when downloading the data. 3. Press and hold the MEM button for two seconds to enter the datalogging mode. The ‘MEM’ icon on the center of the display will flash each time a record is stored (at the interval selected above). When the memory is full, ‘FULL’ will appear on the display and the meter will stop logging data. 4. To stop and exit the datalogging mode, press the MEM button. 5. To download data, read the datalogging sections below. Note: Max/Min and AVG functions can be used with the meter in datalogging mode Clearing stored data 1. Press the “ ” button to turn the meter off. 2. Press and hold the MEM button, then press the “ ” button to turn the meter on. When the LCD indicates "CLr", the entire memory has been erased. Datalogging Software The instructions on how to install the datalogging software are printed on the Software CD label. After reading the label’s directions, load the software CD in the PC CD-ROM drive. When the program is opened a COM PORT selection screen appears. Select either COM 1 or COM 2 depending on which computer port will be used to connect to the meter with the supplied cable (the cable connects to the top of the meter and to a DB9 9-pin COM PORT on the PC). Once the COM PORT selection is correctly made, the meter and PC begin communicating. The main software screen, shown at right, appears. The menu icons at the top of the screen are explained below. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |