Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5630AMWPR/81535 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC5630AMWPR/81535
Description  Multimode SCSI 9 Line Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630AMWPR/81535 Datasheet(HTML) 7 Page - Texas Instruments

  UCC5630AMWPR/81535 Datasheet HTML 1Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 2Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 3Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 4Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 5Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 6Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 7Page - Texas Instruments UCC5630AMWPR/81535 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC5630AFQP
ACTIVE
LQFP
PT
48
250
None
CU SNPB
Level-1-220C-UNLIM
UCC5630AFQPTR
ACTIVE
LQFP
PT
48
1000
None
CU SNPB
Level-1-220C-UNLIM
UCC5630AMWP
ACTIVE
SSOP
DCE
36
25
None
CU SNPB
Level-1-220C-UNLIM
UCC5630AMWP/81535
OBSOLETE
SSOP
DCE
36
None
Call TI
Call TI
UCC5630AMWPR/81535
OBSOLETE
SSOP
DCE
36
None
Call TI
Call TI
UCC5630AMWPTR
ACTIVE
SSOP
DCE
36
1000
None
CU SNPB
Level-1-220C-UNLIM
UCC5630AMWPTRG4
ACTIVE
SSOP
DCE
36
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Feb-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com