Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5672 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5672
Description  Multimode LVD/SE SCSI 9 Line Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5672 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5672 Datasheet HTML 1Page - Texas Instruments UCC5672 Datasheet HTML 2Page - Texas Instruments UCC5672 Datasheet HTML 3Page - Texas Instruments UCC5672 Datasheet HTML 4Page - Texas Instruments UCC5672 Datasheet HTML 5Page - Texas Instruments UCC5672 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UCC5672
SLUS414A - FEBRUARY 2000
FEATURES
• Auto Selection Multi-Mode Single
Ended or Low Voltage Differential
Termination
• 2.7V to 5.25V Operation
• Differential Failsafe Bias
• Built-in SPI-3 Mode Change Filter/
Delay
• Meets SCSI-1, SCSI-2, Ultra2 (SPI-2
LVD) and Ultra3/Ultra160 Standards
• Supports Active Negation
• 3pF Channel Capacitance
Multimode (LVD/SE) SCSI 9 Line Terminator
1
27
16
DIFSENS
DIFSENS
REF 1.3V
ENABLE
3L1–
52
2L1+
52
L9–
L9+
56mV
+–
56mV
–+
124
110
SE GROUND
SWITCH
26
52
25
52
56mV
+–
56mV
–+
124
110
SE GROUND
SWITCH
REG
17
DIFFB
0.6V
2.1V
FILTER/
DELAY
28
TRMPWR
TRMPWR
LVD REF
1.25V
SOURCE/SINK
REGULATORS
SE REF
2.7V
ENABLE
SW1
10
µA
22
6
HS/GND
HS/GND
14
GND
13
DISCNCT
SE
DISCNCT
HPD
LVD
UP
OPEN
DOWN
DOWN
DOWN
UP
OPEN
OPEN
MODE
SW1
OTHER
SWITCHES
HPD
LVD
SE
BLOCK DIAGRAM
UDG-99125
DESCRIPTION
The UCC5672 Multi-Mode Low Voltage Differential and Single Ended Ter-
minator is both a single ended terminator and a low voltage differential ter-
minator for the transition to the next generation SCSI Parallel Interface
(SPI-3). The low voltage differential is a requirement for the higher speeds
at a reasonable cost and is the only way to have adequate skew budgets.
The automatic mode select/change feature switches the terminator be-
tween Single Ended or LVD SCSI Termination, depending on the bus
mode. If the bus is in High Voltage Differential Mode, the terminator lines
transition into a High Impedance state.
The UCC5672 is SPI-3, SPI-2, and SCSI-2 compliant. This device is of-
fered in a 28 pin TSSOP package to minimize the footprint. The UCC5672
is also available in a 36 pin MWP package.
Note: Indicated pinout is for 28 pin TSSOP package.


Similar Part No. - UCC5672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5672 TI1-UCC5672 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI2-UCC5672 Datasheet
253Kb / 10P
Multimode (LVD/SE) SCSI 9 Line Terminator
REVISED MARCH 2002
UCC5672MWP TI1-UCC5672MWP Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672MWP TI2-UCC5672MWP Datasheet
253Kb / 10P
Multimode (LVD/SE) SCSI 9 Line Terminator
REVISED MARCH 2002
UCC5672PWP TI1-UCC5672PWP Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
More results

Similar Description - UCC5672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
Multimode LVD/SE SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
logo
List of Unclassifed Man...
AR7519 ETC1-AR7519 Datasheet
660Kb / 2P
Ultra Multimode LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
Multimode (LVD/SE) SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com