Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBS-2003 Datasheet(PDF) 11 Page - BOSER Technology Co., Ltd

Part # BBS-2003
Description  2U High, Small Box Bare Bone System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BBS-2003 Datasheet(HTML) 11 Page - BOSER Technology Co., Ltd

Back Button BBS-2003 Datasheet HTML 7Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 8Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 9Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 10Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 11Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 12Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 13Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 14Page - BOSER Technology Co., Ltd BBS-2003 Datasheet HTML 15Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
5
Chapter 2
Unpacking
2.1 Opening the Delivery Package
The BBS-2003 is packed in an anti-static bag. The board has
components that are easily damaged by static electricity. Do not
remove the anti-static wrapping until proper precautions have been
taken. Safety Instructions in front of this manual describe anti-static
precautions and procedures.
2.2 Inspection
After unpacking the board, place it on a raised surface and carefully
inspect the board for any damage that might have occurred during
shipment. Ground the board and exercise extreme care to prevent
damage to the board from static electricity.
Integrated circuits will sometimes come out of their sockets during
shipment. Examine all integrated circuits, particularly the BIOS,
processor, memory modules, ROM-Disk, and keyboard controller chip
to ensure that they are firmly seated. The BBS-2003 delivery package
contains the following items:
BBS-2003 Bare Bone System x 1
70W Power Supply x 1
AC Power Core x 1
Utility Disc x 1
BBS-2003 User’s Manual x 1
HS-6237 User’s Manual x 1
The BBS-2003 system along with its accessories is packed in several
bags and boxes, all packed in one carton. Before you start, carefully
read the safety instructions in front of this User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com