Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5680 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5680
Description  9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5680 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5680 Datasheet HTML 1Page - Texas Instruments UCC5680 Datasheet HTML 2Page - Texas Instruments UCC5680 Datasheet HTML 3Page - Texas Instruments UCC5680 Datasheet HTML 4Page - Texas Instruments UCC5680 Datasheet HTML 5Page - Texas Instruments UCC5680 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8&&
/,1( /9' 21/< 6&6, 7(50,1$725
:,7+ ,17(*5$7(' 63, '(/$<6
6/86%  $35,/   5(9,6(' 0$5&+ 

3267 2)),&( %2; 
x '$//$6 7(;$6 
- /9'2QO\ $FWLYH 7HUPLQDWLRQ
-  9 WR  9 2SHUDWLRQ
- 'LIIHUHQWLDO )DLOVDIH %LDV
- %XLOW,Q 63, 0RGH &KDQJH )LOWHU'HOD\
- 6WDQGDUGV 6XSSRUWHG 63, 8OWUD
)DVW   8OWUD8OWUD )DVW 
GHVFULSWLRQ
7KH 8&& LV DQ /9'RQO\ 6&6, WHUPLQDWRU WKDW LQWHJUDWHV WKH PRGH FKDQJH GHOD\ IXQFWLRQ UHTXLUHG E\ WKH
63, VSHFLILFDWLRQ 7KH GHYLFH VHQVHV ZKDW W\SHV RI 6&6, GULYHUV DUH SUHVHQW RQ WKH EXV YLD WKH YROWDJH RQ
WKH ',))6(16 6&6, FRQWURO OLQH 6LQJOHHQGHG 6( DQG KLJKYROWDJH GLIIHUHQWLDO +9' 6&6, GULYHUV (,$
DUH QRW VXSSRUWHG ,I WKH FKLS GHWHFWV WKH SUHVHQFH RI DQ 6( RU +9' 6&6, GULYHU LW GLVFRQQHFWV LWVHOI E\ VZLWFKLQJ
DOO WHUPLQDWLQJ UHVLVWRUV RII WKH EXV DQG HQWHUV D KLJKLPSHGDQFH VWDWH 7KH WHUPLQDWRU FDQ DOVR EH FRPPDQGHG
WR GLVFRQQHFW WKH WHUPLQDWLQJ UHVLVWRUV E\ WKH ',6&1&7 LQSXW ,PSHGDQFH LV WULPPHG IRU DFFXUDF\ DQG
PD[LPXP HIIHFWLYHQHVV %XV OLQHV DUH ELDVHG WR D IDLOVDIH VWDWH WR HQVXUH VLJQDO LQWHJULW\
7KH 8&& LV RIIHUHG LQ ERWK SLQ DQG SLQ 76623 3: SDFNDJHV IRU D WHPSHUDWXUH UDQJH RI q&WR
q&
IXQFWLRQDO EORFN GLDJUDP
8'*
11
12
15
100ms
to
300ms
DELAY/
FILTER
DIFFB
+
–
+
–
2.15V
0.6V
DISCNCT
10
µA
HIGH-VOLTAGE
DIFFERENTIAL
LOW-VOLTAGE
DIFFERENTIAL
SINGLE-ENDED
REF
1.3V
–15mA
≤ I
SOURCE ≤ –5mA
50
µA ≤ I
SINK ≤ 200µA
4
52
52
3
124
56mV
56mV
+ –
– +
25
26
L1–
L1+
L9–
L9+
REF
1.25V
1
REG
28
TRMPWR
14
GND
DIFSENS
52
52
124
56mV
56mV
+ –
– +
27
LVD*
* 28-PIN PACKAGE ONLY
SE
LVD
HVD
DISCNCT
OPEN
DOWN
OPEN
OPEN
MODE
ALL SWITCHES
ENABLE
&RS\ULJKW ¤  7H[DV ,QVWUXPHQWV ,QFRUSRUDWHG
352'8&7 35(9,(: LQIRUPDWLRQ FRQFHUQV SURGXFWV LQ WKH IRUPDWLYH RU
GHVLJQ SKDVH RI GHYHORSPHQW &KDUDFWHULVWLF GDWD DQG RWKHU
VSHFLILFDWLRQV DUH GHVLJQ JRDOV 7H[DV ,QVWUXPHQWV UHVHUYHV WKH ULJKW WR
FKDQJH RU GLVFRQWLQXH WKHVH SURGXFWV ZLWKRXW QRWLFH
3OHDVH EH DZDUH WKDW DQ LPSRUWDQW QRWLFH FRQFHUQLQJ DYDLODELOLW\ VWDQGDUG ZDUUDQW\ DQG XVH LQ FULWLFDO DSSOLFDWLRQV RI
7H[DV ,QVWUXPHQWV VHPLFRQGXFWRU SURGXFWV DQG GLVFODLPHUV WKHUHWR DSSHDUV DW WKH HQG RI WKLV GDWD VKHHW


Similar Part No. - UCC5680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5680 TI1-UCC5680 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW24 TI1-UCC5680PW24 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW28 TI1-UCC5680PW28 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW28TR TI1-UCC5680PW28TR Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
More results

Similar Description - UCC5680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
Multimode LVD/SE SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com