Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX613 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # EX613
Description  400Amp True RMS AC/DC Clamp Meter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX613 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  EX613 Datasheet HTML 1Page - Extech Instruments Corporation. EX613 Datasheet HTML 2Page - Extech Instruments Corporation. EX613 Datasheet HTML 3Page - Extech Instruments Corporation. EX613 Datasheet HTML 4Page - Extech Instruments Corporation. EX613 Datasheet HTML 5Page - Extech Instruments Corporation. EX613 Datasheet HTML 6Page - Extech Instruments Corporation. EX613 Datasheet HTML 7Page - Extech Instruments Corporation. EX613 Datasheet HTML 8Page - Extech Instruments Corporation. EX613 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EX613 V2.2 07/08
4
Description
Meter Description
1.
Current clamp
2.
Clamp opening trigger
3.
HOLD/BACKLIGHT button
4.
MODE / ZERO button
5.
Backlit LCD Display
6.
Type K input jacks
7.
Multimeter input jacks
8.
IR thermometer sensor and Laser pointer (rear)
9.
Function switch
10. PEAK button
11. MAX/MIN button
12. Range button
13. Thermocouple display button
14. Battery compartment (rear)
15. Non-Contact Voltage Detector
16. NCV LED indicator
17. Input shutter
Display icons Description
HOLD
Data Hold
APO
Auto Power Off
AUTO
Autoranging
P
Peak Hold
DC
Direct Current
AC
Alternating Current
MAX
Max reading
MIN
Min reading
Low battery
ZERO
DCA or CAP zero
mV or V
Milli-volts or Volts (Voltage)
Ω
Ohms (Resistance)
A
Amperes (Current)
F
Farad (Capacitance)
Hz
Hertz (Frequency)
%
Duty Ratio
oF and oC
Fahrenheit and Celsius units (Temperature)
T1, T2, T1-T2
Therocouple 1, Thermocouple 2, Thermocouple difference
n, m,
μ, M, k Unit of measure prefixes: nano, milli, micro, mega, and kilo
•)))
Continuity test
Diode test
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com