Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR200 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # IR200
Description  Non-contact Forehead IR Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

IR200 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  IR200 Datasheet HTML 1Page - Extech Instruments Corporation. IR200 Datasheet HTML 2Page - Extech Instruments Corporation. IR200 Datasheet HTML 3Page - Extech Instruments Corporation. IR200 Datasheet HTML 4Page - Extech Instruments Corporation. IR200 Datasheet HTML 5Page - Extech Instruments Corporation. IR200 Datasheet HTML 6Page - Extech Instruments Corporation. IR200 Datasheet HTML 7Page - Extech Instruments Corporation. IR200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IR200 V1.0 5/09
2
Introduction
Congratulations on your purchase of the Model IR200 IR Thermometer. This thermometer
is intended for scanning groups of individuals or monitoring an individual for elevated
temperatures. It is not a substitute for a clinical thermometer. Always use a clinical
thermometer when high accuracy body temperature measurements are required.
Considerations and Warnings
Read all instructions before using this product.
For the most accurate results, make reading with an ambient (room) temperature of
73 to 82°F (23 to 27°C)
Make sure the skin is dry and that no hair interferes with the measurement.
Do not immerse the meter in water.
Avoid touching and/or scratching the infrared sensor lens.
Always use a clinical thermometer to verify any abnormal temperature
measurements.
Clean the lens area by gently blowing with compressed air and use a damp swab
to wipe the lens. Do not use any solvents to clean the lens.
Measurement Notes
1.
If the meter has been stored in a cold or hot environment, allow it at least 20 minutes
to acclimate to room temperature before making measurements.
2.
To prevent transmission of disease, avoid direct contact with the skin.
3.
After heavy exercise always wait at least 10 minutes before taking forehead
temperature readings.
Warranty
EXTECH INSTRUMENTS CORPORATION (a FLIR company) warrants this instrument to be free of defects in
parts and workmanship for one year from date of shipment (a six month limited warranty applies on sensors
and cables). If it should become necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for authorization or visit our
website at www.extech.com (click on ‘Contact Extech’ and go to ‘Service Department’ to request an RA
number). A Return Authorization (RA) number must be issued before any product is returned to Extech. The
sender is responsible for shipping charges, freight, insurance and proper packaging to prevent damage in
transit. This warranty does not apply to defects resulting from action of the user such as misuse, improper
wiring, operation outside of specification, improper maintenance or repair, or unauthorized modification. Extech
specifically disclaims any implied warranties or merchantability or fitness for a specific purpose and will not be
liable for any direct, indirect, incidental or consequential damages. Extech's total liability is limited to repair or
replacement of the product. The warranty set forth above is inclusive and no other warranty, whether written or
oral, is expressed or implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com