Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN36 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MN36
Description  Auto-Ranging Mini MultiMeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN36 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MN36 Datasheet HTML 1Page - Extech Instruments Corporation. MN36 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety
This symbol, adjacent to another symbol or terminal, indicates
the user must refer to the manual for further information.
This symbol, adjacent to a terminal, indicates that, under
normal use, hazardous voltages may be present
Double insulation
1. Improper use of this meter can cause damage, shock, injury or death.
Read and understand this user manual before operating the meter.
2. Make sure any covers or battery doors are properly closed and ured.
3. Always remove the test leads before replacing the battery or fuses.
4. Inspect the condition of the test leads and the meter itself for any
damage before operating the meter. Repair any damage before use.
5. Do not exceed the maximum rated input limits.
6. Use great care when making measurements if the voltages are
greater than 25VAC rms or 35VDC. These voltages are considered a
shock hazard.
7. Always discharge capacitors and remove power from the device
under test before performing Diode, Resistance or Continuity tests.
8. Remove the battery from the meter if the meter is to be stored for
long periods.
9. To avoid electric shock, do not measure AC current on any circuit
whose voltage exceeds 250V AC.
Input Limits
Function
Maximum Input
VDC, VAC
600V AC/600V AC
Resistance, Diode, Continuity
500V DC/AC
mA DC
200mA DC
10A DC
10A DC (15 seconds max.
every 15 min.)
Frequency
250V DC/AC
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to
be free of defects in parts and workmanship for one year from date of
shipment (a six month limited warranty applies on sensors and cables).
If it should become necessary to return the instrument for service during
or beyond the warranty period, contact the Customer Service
Department at (781) 890-7440 ext. 210 for authorization or visit our
website at www.extech.com for contact information. A Return
Authorization (RA) number must be issued before any product is
returned to Extech. The sender is responsible for shipping charges,
freight, insurance and proper packaging to prevent damage in transit.
This warranty does not apply to defects resulting from action of the user
such as misuse, improper wiring, operation outside of specification,
improper maintenance or repair, or unauthorized modification. Extech
specifically disclaims any implied warranties or merchantability or fitness
for a specific purpose and will not be liable for any direct, indirect,
incidental or consequential damages. Extech's total liability is limited to
repair or replacement of the product. The warranty set forth above is
inclusive and no other warranty, whether written or oral, is expressed or
implied.
User’s Manual
MiniTecTM Series
Model MN36
Auto-Ranging Mini MultiMeter
3999
Introduction
Congratulations on your purchase of Extech’s MN36 Auto-Ranging
Multimeter. This meter measures AC/DC Voltage, AC/DC Current,
Resistance, Capacitance, Frequency, Temperature, Diode Test and
Continuity. Proper use and care of this meter will provide many years of
reliable service.
Specifications
Accuracy
Stated at 73
oF
±10oF (23oC ±5 oC) and less than
70% RH
Diode Test
Test current of 0.6mA maximum, open circuit
voltage 1.5V DC typical
Continuity Check
Audible signal will sound if the resistance is less
than approximately <8
Ω
Temperature sensor Requires type K thermocouple
Input Impedance
10M
Ω (V AC/DC)
Display
3999 count LCD
Overrange
“OL” is displayed
Polarity
Automatic (no indication for positive polarity);
Minus (-) sign for negative polarity.
Measurement Rate
3 times per second, nominal
Low Battery
“
” is displayed if battery voltage drops below
operating voltage
Batteries
Requires (2) AAA batteries
Fuses
mA range; 250mA/250V fast blow
10A range, no protection
Operating Temp
32
oF to 104oF (0oC to 40oC)
Storage Temp
-4
oF to 140oF (-20oC to 60oC)
Relative Humidity
Maximum relative humidity 80% for temperatures
up to 31
°C decreasing linearly to 50% relative
humidity at 40
°C.
Operating Altitude
7000ft (2000 meters) maximum
Weight
5.4 oz. (153g).
Size
5.43” x 2.83” x 1.5” (138mm x 72mm x 38mm)
Safety
For indoor use and in accordance with
Overvoltage Category II, Pollution Degree 2.
Category II includes local level, appliance,
portable equipment, etc., with transient
overvoltages less than Overvoltage Category III
Specifications
Function
Range
Accuracy
400.0mV
±(0.5% reading + 4 digits)
4.000V
40.00V
400.0V
DC Voltage
(V DC)
600V
±(0.8% reading + 4 digits)
50-60Hz
40-400Hz
4.000V
±(0.8% rdg + 4 d)
40.00V
400.0V
AC Voltage
(V AC)
600V
±(1.2% rdg + 5 d)
±(2% rdg + 5 d)
400.0µA
4000µA
40.00mA
200.0mA
±(1.2% reading + 4 digits)
DC Current
10A
±(2.5% reading + 4 digits)
400.0µA
4000µA
40.00mA
200.0mA
±(1.5% reading + 5 digits)
AC Current
(40 to 400Hz)
10A
±(3% reading + 5 digits)
400.0
Ω
4.000k
Ω
40.00k
Ω
400.0k
Ω
4.000M
Ω
±(1.2% reading + 4 digits)
Resistance
20.00M
Ω
±(3.0% reading + 5 digits)
4.000nF
Not specified
40.00nF
400.0nF
4.000µF
±(3.0% reading + 10 digits)
40.00µF
Capacitance
100µF
Not Specified
10.00Hz
100Hz
1.000kHz
10.00kHz
100.0kHz
1.000MHz
±(1.0% reading + 4 digits)
10Hz to 1MHz
Sensitivity: 5.0Vrms
Frequency
5.000MHz
Not specified
Temp
°F
Temp
°C
-40 to
1400
°F
-20 to 750
°C
-40 to 650°F;
±(1.0% rdg + 10 digits)
651 to 1400°F;
±(3% rdg + 10 digits)
-20 to 400
°C; ±(1.0% rdg + 10 digits)
400 to 750
°C; ±(3% rdg + 10 digits)
(probe accuracy not included)


Similar Part No. - MN36

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3610H PANASONIC-MN3610H Datasheet
51Kb / 5P
2048-Bit High-Responsivity CCD Linear Image Sensor
MN3611 PANASONIC-MN3611 Datasheet
357Kb / 5P
2160-Bit CCD Linear Image Sensor
MN3611RE PANASONIC-MN3611RE Datasheet
52Kb / 6P
Color CCD Linear Image Sensor with 720 Pixels each for R, G, and B Colors
logo
Premier Farnell Limited...
MN365 DURATOOL-MN365 Datasheet
29Kb / 1P
Ì Hardened and tempered
logo
Panasonic Semiconductor
MN3674 PANASONIC-MN3674 Datasheet
79Kb / 9P
Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color
More results

Similar Description - MN36

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS150 EMERSON-NETWORKPOWER-LPS150 Datasheet
746Kb / 2P
Auto ranging input
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
Mini Analog MultiMeter
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
Mini Autoranging MultiMeter
MN35 EXTECH-MN35 Datasheet
122Kb / 10P
Manual Ranging Mini MultiMeter
logo
RSG Electronic Componen...
HSU160-10 RSG-HSU160-10 Datasheet
198Kb / 2P
AUTO-RANGING AC INPUT
logo
Extech Instruments Corp...
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
Mini Pocket MultiMeter
logo
Total Power Internation...
TPSU160 TOTAL-POWER-TPSU160 Datasheet
287Kb / 2P
AUTO-RANGING AC INPUT
logo
List of Unclassifed Man...
MM300 ETC-MM300 Datasheet
62Kb / 1P
Digital Multimeter, Manual-Ranging, 600V
MM400 ETC-MM400 Datasheet
63Kb / 1P
Digital Multimeter, Auto-Ranging, 600V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com