Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2003 Datasheet(PDF) 1 Page - Texas Instruments

Part # ULQ2003
Description  DARLINGTON TRANSISTOR ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULQ2003 Datasheet(HTML) 1 Page - Texas Instruments

  ULQ2003 Datasheet HTML 1Page - Texas Instruments ULQ2003 Datasheet HTML 2Page - Texas Instruments ULQ2003 Datasheet HTML 3Page - Texas Instruments ULQ2003 Datasheet HTML 4Page - Texas Instruments ULQ2003 Datasheet HTML 5Page - Texas Instruments ULQ2003 Datasheet HTML 6Page - Texas Instruments ULQ2003 Datasheet HTML 7Page - Texas Instruments ULQ2003 Datasheet HTML 8Page - Texas Instruments ULQ2003 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ULQ2003A
DARLINGTON TRANSISTOR ARRAY
SLIS072 – DECEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D 500-mA Rated Collector Current
(Single Output)
D High-Voltage Outputs...50 V
D Output Clamp Diodes
D Inputs Compatible With Various Types of
Logic
D Interchangeable With ULN2001A Series
description
The ULQ2003A is a monolithic high-voltage,
high-current Darlington transistor array. The
device consists of seven npn Darlington pairs that
feature high-voltage outputs with common-cathode clamp diodes for switching inductive loads. The
collector-current rating of a single Darlington pair is 500 mA. The Darlington pairs may be paralleled for higher
current capability. Applications include relay drivers, hammer drivers, lamp drivers, display drivers (LED and
gas discharge), line drivers, and logic buffers. The ULQ2003A has a 2.7-k
Ω series base resistor for each
Darlington pair for operation directly with TTL or 5-V CMOS devices.
The ULQ2003A is offered in standard 16-pin dual in-line (N) and surface-mount (D) packaging. The device is
characterized for operation over the junction temperature range of –40
°C to 105°C.
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
10
11
12
13
14
15
16
9
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
1B
2B
3B
4B
5B
6B
7B
CLAMP
×
logic diagram (positive logic)
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
7B
6B
5B
4B
3B
2B
1B
10
11
12
13
14
15
16
9
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
2B
3B
4B
5B
6B
7B
E
1C
2C
3C
4C
5C
6C
7C
COM
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - ULQ2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2003 STMICROELECTRONICS-ULQ2003 Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULQ2003 STMICROELECTRONICS-ULQ2003 Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
logo
Allegro MicroSystems
ULQ2003A ALLEGRO-ULQ2003A Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2003A STMICROELECTRONICS-ULQ2003A Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2003A STMICROELECTRONICS-ULQ2003A Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
More results

Similar Description - ULQ2003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
Darlington Transistor Array
logo
fujitsu semiconductor
FT5754M FUJITSU-FT5754M Datasheet
135Kb / 2P
SILICON DARLINGTON TRANSISTOR ARRAY
FT5763M FUJITSU-FT5763M Datasheet
132Kb / 2P
SILICON DARLINGTON TRANSISTOR ARRAY
FT5764M FUJITSU-FT5764M Datasheet
130Kb / 2P
SILICON DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803A TI-ULN2803A Datasheet
240Kb / 10P
DARLINGTON TRANSISTOR ARRAY
logo
List of Unclassifed Man...
FT5761M ETC1-FT5761M Datasheet
6Kb / 1P
DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803A TI-ULN2803A_06 Datasheet
353Kb / 11P
DARLINGTON TRANSISTOR ARRAY
ULN2803A TI-ULN2803A_09 Datasheet
436Kb / 12P
DARLINGTON TRANSISTOR ARRAY
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803C TI-ULN2803C Datasheet
1Mb / 20P
ULN2803C Darlington Transistor Array
AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com