Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNC75-R-A Datasheet(PDF) 1 Page - DDK Ltd.

Part # BNC75-R-A
Description  75廓 BNC Type Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC75-R-A Datasheet(HTML) 1 Page - DDK Ltd.

  BNC75-R-A Datasheet HTML 1Page - DDK Ltd. BNC75-R-A Datasheet HTML 2Page - DDK Ltd. BNC75-R-A Datasheet HTML 3Page - DDK Ltd. BNC75-R-A Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
●
  ●
BNC75 Series
●
BNC75 series are connectors for 75 Ω group of
BNC series (50Ω group).
●
Intermateable with BNC series.
●
Easy interface is established between test
instruments, broadcasting eqipment, CATV and
HDTV by bayonet lock mechanism.
Specifications depends on each connector although these are basic specifications.
Please ask us for the cable assemblies to assure its performance.
75Ω BNC Type Connectors
SPECIFICATION
Characteristic Impedance
75Ω
Dielectric withstanding voltage
1500V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
3mΩ max.
VSWR
1.3max. at DC~1GHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Nickel or Silver plating
Contact (male)
Copper alloy/Silver or Gold plating
Contact (female)
Copper alloy/Silver or Gold plating
Insulators
PTFE
Gaskets
Silicone rubber
1


Similar Part No. - BNC75-R-A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-R-A-CF DDK-BNC75-R-A-CF Datasheet
265Kb / 9P
75 廓 BNC Style Connector
More results

Similar Description - BNC75-R-A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
BNC (M) Crimp 75 廓
6746A POMONA-6746A Datasheet
234Kb / 2P
BNC (M) Compression Style, 75 廓
6752A POMONA-6752A Datasheet
234Kb / 2P
BNC (M) Crimp Type, 75 廓
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
BNC 75 Ohm Connectors
logo
Amphenol Corporation
031-80104 AMPHENOL-031-80104 Datasheet
5Mb / 6P
High Performance 75 廓 BNC
logo
DDK Ltd.
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
75 廓 SSMB Type Connectors
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
DDK Ltd.
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
75 廓 BNC Style Connector
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com