Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10076 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # 10076
Description  4o LED Optic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

10076 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  10076 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 10076 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical half angle divergence
4o+/-1
o when used with 1W
White Luxeon LED
4o Circular Optic
Part No. 10048
Lux at 3m
Range
Typical half angle divergence 25o +/- 3
o and 4o +/- 1o when used with 1W White
4o x 25o Elliptical (Line) Beam Optic
Part No. 10049
Lux at 3m
Range
Notes: Measurements have been made with a 1W Luxeon Lambertian LED. The measured efficiency for all optics is approx 85%.
Optical Performance Tables
4o LED Optic mounted in
standard holder onto Luxeon
1W star board
4
o Assembly
Section through 4o LED Optic, Optic Holder and
Luxeon 1W star board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com