Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35L3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 35L3
Description  Power LED Series & Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

35L3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  35L3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35L3 Power LED Series & Accessories
Features
High intensity
Excellent heat dissipation
Applications
Indicators
Illumination
High Power LED
High Power LED &
Cooling Accessories
ROITHNER LASERTECHNIK
Schoenbrunner Strasse 7
Vienna, Austria
Tel.: +43-1-586 52 43 - 0
Fax.: +43-1-586 52 43 44
office@roithner-laser.com
www.roithner-laser.com
Technical Index
Heat sink System
Parameter
Material
Aluminum
Size
Ø 55 X 13 mm
Fans size
Ø 46 mm
Fan Working Voltage
12.0 V ±0.5 V
Fan Working Current
0.09 A
Fan Power Dissipation
1.08 W
LED Electrical Optical Characteristics
Size
Ø 55 X 2 mm
Chips Quantity
3
Emitting Color
R
G
B
W
Y
Wavelength
620-630
520-530
460-470
-----
585-595
Working Voltage
3.20 V
4.70 V
4.70 V
4.70 V
3.2 V
Working Current
1.05 A
1.05 A
1.05 A
1.05 A
1.05 A
Power Dissipation
4.3 W
5.0 W
5.0 W
5.0 W
4.3 W
Luminous Intensity
200 cd
280 cd
280 cd
280 cd
280 cd
Viewing Angle
30
0 or 600 or 1200
LED Absolute Maximum Ratings
Forward Current
1.05 A
Reverse Voltage
5.0 V
Reverse Current
≤150 µA
Power Dissipation
4.3 W
5.0 W
5.0 W
5.0 W 4.3 W
Working Temperature
-20
0C - +50 0C
Storing Temperature
-40
0C - +80 0C
Soldering Temperature
-20
0C - +50 0C
12
¦Õ 55
LED
FAN -12V/0.09A
¦Õ 55
3XLED
35
¦Õ
18


Similar Part No. - 35L3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
35L3-HB-60 ROITHNER-35L3-HB-60 Datasheet
137Kb / 2P
HIGH POWER LED
35L3-HG-60 ROITHNER-35L3-HG-60 Datasheet
137Kb / 2P
HIGH POWER LED
35L3-HR-60 ROITHNER-35L3-HR-60 Datasheet
137Kb / 2P
HIGH POWER LED
35L3-HRGB-60 ROITHNER-35L3-HRGB-60 Datasheet
137Kb / 2P
HIGH POWER LED
35L3-HW-60 ROITHNER-35L3-HW-60 Datasheet
137Kb / 2P
HIGH POWER LED
More results

Similar Description - 35L3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066E9900S001 EPCOS-B44066E9900S001 Datasheet
75Kb / 2P
Power Capacitor Accessories Discharge Reactor
logo
Tyco Electronics
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
Accessories Power Relay RM
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-4 MACOM-2-1393844-4 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
Accessories Power Relay RM
logo
Chicago Miniature Lamp,...
CMP100 CML-CMP100 Datasheet
42Kb / 1P
Panel Mounting Accessories for LED Lamps
logo
Tyco Electronics
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
Accessories Industrial Power Relay RT
logo
List of Unclassifed Man...
10-40450-18S ETC2-10-40450-18S Datasheet
45Kb / 1P
97 series accessories
logo
Advantech Co., Ltd.
UTC ADVANTECH-UTC Datasheet
780Kb / 2P
UTC Series Installation Accessories
UNO-1000 ADVANTECH-UNO-1000 Datasheet
1Mb / 2P
UNO-1000 Series Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com