Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT29F80J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT29F80J
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT29F80J Datasheet(HTML) 2 Page - Microsemi Corporation

  APT29F80J Datasheet HTML 1Page - Microsemi Corporation APT29F80J Datasheet HTML 2Page - Microsemi Corporation APT29F80J Datasheet HTML 3Page - Microsemi Corporation APT29F80J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Dynamic Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 6.9mH, RG = 25Ω, IAS = 24A.
3 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any
value of V
DS less than V(BR)DSS, use this equation: Co(er) = -8.27E-7/VDS^2 + 1.01E-7/VDS + 1.43E-10.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
μA
nA
Unit
S
pF
nC
ns
Unit
A
V
ns
μC
A
V/ns
Min
Typ
Max
800
1.41
0.19
0.21
2.5
4
5
-10
250
1000
±100
Min
Typ
Max
31
173
1.0
370
710
1.91
5.18
12
18
25
Min
Typ
Max
43
9326
159
927
438
217
303
51
155
53
76
231
67
Test Conditions
V
GS = 0V, ID = 250μA
Reference to 25°C, I
D = 250μA
V
GS = 10V, ID = 24A
V
GS = VDS, ID = 2.5mA
V
DS = 800V
T
J = 25°C
V
GS = 0V
T
J = 125°C
V
GS = ±30V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD = 24A, TJ = 25°C, VGS = 0V
T
J = 25°C
T
J = 125°C
I
SD = 24A
3
T
J = 25°C
di
SD/dt = 100A/μs
T
J = 125°C
T
J = 25°C
T
J = 125°C
I
SD ≤ 24A, di/dt ≤1000A/μs, VDD = 100V,
T
J = 125°C
Test Conditions
V
DS = 50V, ID = 24A
V
GS = 0V, VDS = 25V
f = 1MHz
V
GS = 0V, VDS = 0V to 533V
V
GS = 0 to 10V, ID = 24A,
V
DS = 400V
Resistive Switching
V
DD = 533V, ID = 24A
R
G = 2.2Ω
6
, V
GG = 15V
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Peak Recovery dv/dt
Parameter
Forward Transconductance
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Effective Output Capacitance, Charge Related
Effective Output Capacitance, Energy Related
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Current Rise Time
Turn-Off Delay Time
Current Fall Time
Symbol
V
BR(DSS)
∆V
BR(DSS)/∆TJ
R
DS(on)
V
GS(th)
∆V
GS(th)/∆TJ
I
DSS
I
GSS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
I
rrm
dv/dt
Symbol
g
fs
C
iss
C
rss
C
oss
C
o(cr)
4
C
o(er)
5
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
APT29F80J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com