Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT44F80B2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT44F80B2
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT44F80B2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT44F80B2 Datasheet HTML 1Page - Microsemi Corporation APT44F80B2 Datasheet HTML 2Page - Microsemi Corporation APT44F80B2 Datasheet HTML 3Page - Microsemi Corporation APT44F80B2 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
Symbol Parameter
Ratings
Unit
I
D
Continuous Drain Current @ T
C = 25°C
47
A
Continuous Drain Current @ T
C = 100°C
29
I
DM
Pulsed Drain Current 1
173
V
GS
Gate - Source Voltage
±30
V
E
AS
Single Pulse Avalanche Energy 2
1980
mJ
I
AR
Avalanche Current, Repetitive or Non-Repetitive
24
A
G
D
S
Single die FREDFET
TYPICAL APPLICATIONS
• ZVSphaseshiftedandotherfullbridge
•Halfbridge
•PFCandotherboostconverter
• Buckconverter
•Singleandtwoswitchforward
•Flyback
FEATURES
•FastswitchingwithlowEMI
•Lowtrrforhighreliability
•UltralowCrssforimprovednoiseimmunity
•Lowgatecharge
•Avalancheenergyrated
•RoHScompliant
TO-264
T-Max®
APT44F80B2
APT44F80L
800V,47A,0.21ΩMaxtrr≤370ns
APT44F80B2
APT44F80L
Power MOS 8™ is a high speed, high voltage N-channel switch-mode power MOSFET.
This 'FREDFET' version has a drain-source (body) diode that has been optimized for
high reliability in ZVS phase shifted bridge and other circuits through reduced trr, soft
recovery, and high recovery dv/dt capability. Low gate charge, high gain, and a greatly
reduced ratio of Crss/Ciss result in excellent noise immunity and low switching loss. The
intrinsic gate resistance and capacitance of the poly-silicon gate structure help control
di/dt during switching, resulting in low EMI and reliable paralleling, even when switching
at very high frequency.
N-ChannelFREDFET
Symbol Characteristic
Min
Typ
Max
Unit
P
D
Total Power Dissipation @ T
C = 25°C
-
-
1135
W
R
θJC
Junction to Case Thermal Resistance
-
-
.11
°C/W
R
θCS
Case to Sink Thermal Resistance, Flat, Greased Surface
-
.11
-
T
J, TSTG
Operating and Storage Junction Temperature Range
-55
-
150
°C
T
L
Soldering Temperature for 10 Seconds (1.6mm from case)
-
-
300
W
T
Package Weight
-
0.22
-
oz
-
6.2
-
g
Torque
Mounting Torque (TO-264 Package), 4-40 or M3 screw
-
-
10
in·lbf
-
-
1.1
N·m
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT44F80B2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT44F80B2 ISC-APT44F80B2 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - APT44F80B2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
N-Channel FREDFET
APT22F100J MICROSEMI-APT22F100J Datasheet
107Kb / 4P
N-Channel FREDFET
APT47F60J MICROSEMI-APT47F60J Datasheet
145Kb / 4P
N-Channel FREDFET
APT17F80B MICROSEMI-APT17F80B Datasheet
437Kb / 4P
N-Channel FREDFET
APT17F120J MICROSEMI-APT17F120J Datasheet
122Kb / 4P
N-Channel FREDFET
APT13F120B MICROSEMI-APT13F120B_09 Datasheet
122Kb / 4P
N-Channel FREDFET
APT19F100J MICROSEMI-APT19F100J_09 Datasheet
135Kb / 4P
N-Channel FREDFET
APT34F60B MICROSEMI-APT34F60B_09 Datasheet
134Kb / 4P
N-Channel FREDFET
APT34F100B2 MICROSEMI-APT34F100B2_09 Datasheet
118Kb / 4P
N-Channel FREDFET
APT80F60J MICROSEMI-APT80F60J_11 Datasheet
236Kb / 4P
N-Channel FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com