Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM03 Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM03
Description  DeviceNet Mini-Style Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM03 Datasheet(HTML) 2 Page - DDK Ltd.

  CM03 Datasheet HTML 1Page - DDK Ltd. CM03 Datasheet HTML 2Page - DDK Ltd. CM03 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
CM03 Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Configuratin of Connectors for Crimp Contacts
P/N : CM03-J-PC
P/N : CM03-P-SC
Plug
(With Socket Contacts)
Jack
(With Pin Contacts)
・4 pieces or 5 pieces of unassembled socket contacts to be supplied together with connectors
・Crimp termination type.
・4 pieces or 5 pieces of unassembled socket contacts to be supplied together with connectors
・Crimp termination type.
Item
P/N
    A Set of Crimp Tool
 357J-22483
 Contents
Hand Tool
 357J-12610
Locator
357J-22484
Inspection Gauge for AWG18
357J-22276-1
Inspection Gauge for AWG14
357J-22276-2
・A crimp tool should is be needed for plugs and jacks.
Pin Contacts
Socket Contacts
4
2
3
1
(75)
24
7
8-16UN-2A
2
5
3
4
1
7
24
(75)
8-16UN-2A
2
1
3
4
7
24
8-16UN-2A
(78)
3
2
1
4
5
7
(78)
24
8-16UN-2A
28.5
26.45
P/N : CM03-P4S
P/N : CM03-P5S
P/N : CM03-J5P
P/N : CM03-J4P
(4 positions for power)
(4 positions for power)
(5 positions for signal)
(5 positions for signal)
(Flat surfaces for
spanner wrench)
(Flat surfaces for
spanner wrench)
(Flat surfaces for
spanner wrench)
(Flat surfaces for
spanner wrench)
◆ CONFIGURATION OF CRIMP CONTACTS
◆ CRIMP TOOL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com