Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC-6670 Datasheet(PDF) 13 Page - BOSER Technology Co., Ltd

Part # BPC-6670
Description  BPC-6670 supports Pentium 4 CPU, OSD, Function Keys & one PCI Slot
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6670 Datasheet(HTML) 13 Page - BOSER Technology Co., Ltd

Back Button BPC-6670 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 13Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 14Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 15Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 16Page - BOSER Technology Co., Ltd BPC-6670 Datasheet HTML 17Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
7
Chapter 2
Unpacking
2.1
Opening the Delivery Package
The BPC-6670 is packed in an anti-static bag. The board has
components that are easily damaged by static electricity. Do not
remove the anti-static wrapping until proper precautions have been
taken. Safety Instructions in front of this manual describe anti-static
precautions and procedures.
2.2 Inspection
After unpacking the Panel PC, place it on a raised surface and carefully
inspect the board for any damage that might have occurred during
shipment. Ground the board and exercise extreme care to prevent
damage to the board from static electricity.
Integrated circuits will sometimes come out of their sockets during
shipment. Examine all integrated circuits, particularly the BIOS,
processor, memory modules, ROM-Disk, and keyboard controller chip
to ensure that they are firmly seated. The BPC-6670 delivery package
contains the following items:
BPC-6670 Panel PC x 1
Power Cable x 1
Touch Screen Drive Diskette x 1 (optional)
Drive CD Disk x 1
SBC Manual x 1
User’s Manual x 1
It is recommended that you keep all the parts of the delivery package
intact and store them in a safe/dry place for any unforeseen event
requiring the return shipment of the product. In case you discover any
missing and/or damaged items from the list of items, please contact
your dealer immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com