Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTB-R232 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # DTB-R232
Description  230W Redundant Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

DTB-R232 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  DTB-R232 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.boser.com.tw
0.8
7.0
7.2
0.7
6.0
1.3
0.61
7.38
0.63
1.3
6.0
DTB-R232
230W Redundant Power Supply
Safety Standards
Features
*Input Voltage: 90~130VAC or 180~260VAC
*Input Frequency: 47~63Hz
*Inrush Current: Does not exceed 30A at 115VAC input or
60A AC input, at cold start 25oC
*Load Range: When all outputs are in 60% rated load
condition, the +5V output is set between 4.98~5.02V while
all other outputs are within the specified voltage accuracy
range
*Ripple And Noise: Peak to peak ripple and noise for +5V,
output is < 50mV, and < 100mV for +12V, -12V, -5V
outputs at rated load, 115/230VAC
*Line Regulation: < +/-1% for each output at rated load
and +/-10% of 115VAC or 230VAC input voltage change
*Load Regulation: The output voltage load regulation is
less than the value on the table when subjected to +/-40%
change on each output load from 60% rated load, and
while all other outputs are at 60% rated load
*Hold Up Time: > 16ms at 115VAC input and rated load
measured from the last AC line charging pulse to the point
when +5V drops to +4.75V
*Output Power: The total DC continuous power is whthin
230W at < 30oC ambient temperature
*Power Good Signal: When turned on, the signal goes
high 100~500ms after all output DC voltages are within
regulation limits
*Power Redundancy: This power supply has power
redundant capability
*Efficiency: > 70% at rated load
*Altitude: 10,000 feet
*Protection: Built-in over voltage protection circuit shuts
down the outputs to prevent damage. Trip point of crowbar
circuit is between 5.7~7V; latch off mode against short
circuit or over load conditions AC line ON/OFF cycle
recovers unit from fault conditions
*Temperature: 0~+40oC (operating); -40~+75oC
(storage)
*Humidity: 5~95%; non-condensing at 40oC (operating)
*Connectors:
AC: One AC input socket
DC: O1 DIN 41612 C96
*Dimensions: 14.0 x 15.0 x 8.62 cm +/-5mm tolerance
*MTBF: 235,743 hrs.
*Safety: UL 1950 / CSA 22.2 No.234 / VDE EN60950
*EMI: FCC class B / EN55022B
*EMS: Level 3 of IEC-801, 802, 803, 804
Output
Voltage
+5V
+12V
-12V
Min.
Load
1A
0.1A
0A
Rated
Load
20A
10A
0.5A
Max.
Load
25A
12A
1A
Tolerance
+/-0.1V
+/-0.72V
+/-0.6V
-5V
0A
0.5A
1A
+/-0.25V


Similar Part No. - DTB-R232

ManufacturerPart #DatasheetDescription
logo
ETA-USA
DTB-SX-W ETA-USA-DTB-SX-W Datasheet
2Mb / 2P
42W >75% 115VAC at full load (DC Conversion)
More results

Similar Description - DTB-R232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE-C232 ETC2-ACE-C232 Datasheet
131Kb / 1P
PS/2 Size 230W Redundant Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
1U redundant power supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
1U Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
1U Redundant Power Supply
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
950W Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
1700W Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
2000W Redundant Power Supply
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
Redundant Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com